Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38257M8-062FP Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M38257M8-062FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38257M8-062FP Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M38257M8-062FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38257M8-062FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38257M8-062FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38257M8-062FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38257M8-062FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38257M8-062FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M38257M8-062FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M38257M8-062FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M38257M8-062FP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3825 Group
9
GROUP EXPANSION
(EXTENDED OPERATING TEMPERATURE VERSION)
Mitsubishi plans to expand the 3825 group (extended operating
temperature version) as follows.
Memory Type
Support for mask ROM and One Time PROM versions.
Memory Size
ROM/PROM ........................................................ 16 K to 60 Kbytes
RAM size ............................................................ 640 to 2048 bytes
Packages
100P6S-A ................................ 0.65 mm-pitch plastic molded QFP
Memory Expansion Plan
Currently supported products are listed below.
Table 4. List of supported products for extended operating temperature version
As of June 1999
Fig. 6 Memory expansion plan for extended operating temperature version
Remarks
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
RAM size (bytes)
640
640
1024
1536
2048
16384
(16254)
24576
(24446)
32768
(32638)
49152
(49022)
Package
Product
M38254M4DXXXFP
M38254M6DXXXFP
M38257M8DXXXFP
M38258MCDXXXFP
M38259EFDXXXFP
M38259EFDFP
(P) ROM size (bytes)
ROM size for User in (
)
60K
56K
52K
48K
44K
36K
32K
28K
24K
20K
16K
12K
8K
4K
40K
ROM size (bytes)
256
512
768
1,024
1,536
2,048
RAM size (bytes)
640
M38254M4D
Mass product
Mass product
M38257M8D
Mass product
M38259EFD
M38254M6D
M38258MCD
Mass product
Mass product
61440
(61310)
100P6S-A
One Time PROM version
One Time PROM version (blank)


Similar Part No. - M38257M8-062FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38258MCMXXXFP RENESAS-M38258MCMXXXFP Datasheet
1Mb / 71P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38257M8-062FP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com