Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC2008ISO8X Datasheet(PDF) 1 Page - Exar Corporation

Part # CLC2008ISO8X
Description  0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2008ISO8X Datasheet(HTML) 1 Page - Exar Corporation

  CLC2008ISO8X Datasheet HTML 1Page - Exar Corporation CLC2008ISO8X Datasheet HTML 2Page - Exar Corporation CLC2008ISO8X Datasheet HTML 3Page - Exar Corporation CLC2008ISO8X Datasheet HTML 4Page - Exar Corporation CLC2008ISO8X Datasheet HTML 5Page - Exar Corporation CLC2008ISO8X Datasheet HTML 6Page - Exar Corporation CLC2008ISO8X Datasheet HTML 7Page - Exar Corporation CLC2008ISO8X Datasheet HTML 8Page - Exar Corporation CLC2008ISO8X Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
Comlinear® CLC1008, CLC2008
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 - Fax. +1 510 668-7001
FEATURES
n
505μA supply current
n
75MHz bandwidth
n
Input voltage range with 5V supply:
-0.3V to 3.8V
n
Output voltage range with 5V supply:
0.07V to 4.86V
n
50V/μs slew rate
n
12nV/√Hz input voltage noise
n
15mA linear output current
n
Fully specified at 2.7V and 5V supplies
n
Replaces AD8031 in VS ≤ 5 applications
APPLICATION S
n
Portable/battery-powered applications
n
Mobile communications, cell phones,
pagers
n
ADC buffer
n
Active filters
n
Portable test instruments
n
Signal conditioning
n
Medical Equipment
n
Portable medical instrumentation
General Description
The COMLINEAR CLC1008 (single) and CLC2008 (dual) offer superior dynamic
performance with 75MHz small signal bandwidth and 50V/μs slew rate. These
amplifiers use only 505μA of supply current and are designed to operate
from a supply range of 2.5V to 5.5V (±1.25 to ±2.75).The combination of
low power, high output current drive, and rail-to-rail performance make the
CLC1008 and CLC2008 well suited for battery-powered communication/
computing systems.
The combination of low cost and high performance make the CLC1008 and
CLC2008 suitable for high volume applications in both consumer and industrial
applications such as wireless phones, scanners, and color copiers.
Typical Performance Examples
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CLC1008IST5X
SOT23-5
Yes
Yes
-40°C to +85°C
Reel
CLC2008ISO8X
SOIC-8
Yes
Yes
-40°C to +85°C
Reel
Moisture sensitivity level for all parts is MSL-1.
Frequency (MHz)
0.1
1
10
100
Vo = 1Vpp
Vo = 2Vpp
Vo = 4Vpp
Frequency (MHz)
0.01
1
100
10
0.1
Frequency Response vs. VOUT
Frequency Response vs. Temperature


Similar Part No. - CLC2008ISO8X

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2008ISO8X CADEKA-CLC2008ISO8X Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
More results

Similar Description - CLC2008ISO8X

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
XR1008 EXAR-XR1008 Datasheet
750Kb / 17P
   0.5mA, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1010 EXAR-CLC1010 Datasheet
1Mb / 15P
   Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
CLC1009 EXAR-CLC1009 Datasheet
1Mb / 15P
   0.2mA, Low Cost, 2.5 to 5.5V, 35MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Analog Devices
AD8091 AD-AD8091 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
AD8051 AD-AD8051 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com