Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC1003ISO8MTR Datasheet(PDF) 6 Page - Exar Corporation

Part # CLC1003ISO8MTR
Description  Low Distortion, Low Offset, RRIO Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1003ISO8MTR Datasheet(HTML) 6 Page - Exar Corporation

Back Button CLC1003ISO8MTR Datasheet HTML 2Page - Exar Corporation CLC1003ISO8MTR Datasheet HTML 3Page - Exar Corporation CLC1003ISO8MTR Datasheet HTML 4Page - Exar Corporation CLC1003ISO8MTR Datasheet HTML 5Page - Exar Corporation CLC1003ISO8MTR Datasheet HTML 6Page - Exar Corporation CLC1003ISO8MTR Datasheet HTML 7Page - Exar Corporation CLC1003ISO8MTR Datasheet HTML 8Page - Exar Corporation CLC1003ISO8MTR Datasheet HTML 9Page - Exar Corporation CLC1003ISO8MTR Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© 2007-2014 Exar Corporation
6 / 17
exar.com/CLC1003
Rev 1D
CLC1003
Typical Performance Characteristics
TA = 25°C, VS = ±5V, Rf = 1kΩ, RL = 1kΩ, G = 2; unless otherwise noted.
Frequency Response vs.VOUT
Frequency Response vs. RL
Frequency Response vs. CL
Frequency Response vs. CL without RS
Non-Inverting Frequency Response
Inverting Frequency Response
-9
-6
-3
0
3
0.1
1
10
100
Frequency (MHz)
G = 1
Rf = 0
G = 2
G = 5
G = 10
VOUT = 0.05Vpp
-7
-6
-5
-4
-3
-2
-1
0
1
0.1
1
10
100
Frequency (MHz)
G = -1
G = -2
G = -5
G = -10
VOUT = 0.05Vpp
-7
-6
-5
-4
-3
-2
-1
0
1
0.1
1
10
100
Frequency (MHz)
CL = 1000pF
Rs = 7.5Ω
CL = 500pF
Rs = 10Ω
CL = 3000pF
Rs = 4Ω
VOUT = 0.05Vpp
-8
-6
-4
-2
0
2
4
0.1
1
10
100
Frequency (MHz)
CL = 500pF
CL = 300pF
CL = 100pF
CL = 50pF
CL = 10pF
VOUT = 0.05Vpp
Rs = 0Ω
-9
-6
-3
0
3
0.1
1
10
100
Frequency (MHz)
VOUT = 1Vpp
VOUT = 2Vpp
VOUT = 4Vpp
-6
-5
-4
-3
-2
-1
0
1
2
0.1
1
10
100
Frequency (MHz)
RL = 2.5KΩ
VOUT = 0.05Vpp
RL = 1KΩ
RL = 150Ω
RL = 50Ω


Similar Part No. - CLC1003ISO8MTR

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1003ISO8 CADEKA-CLC1003ISO8 Datasheet
1Mb / 16P
   Low Distortion, Low Offset, RRIO Amplifier
CLC1003ISO8X CADEKA-CLC1003ISO8X Datasheet
1Mb / 16P
   Low Distortion, Low Offset, RRIO Amplifier
More results

Similar Description - CLC1003ISO8MTR

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1003 CADEKA-CLC1003 Datasheet
1Mb / 16P
   Low Distortion, Low Offset, RRIO Amplifier
logo
Exar Corporation
CLC2023 EXAR-CLC2023 Datasheet
1Mb / 18P
   Dual, Low Distortion, Low Offset, RRIO Amplifier
logo
Texas Instruments
OP-07 TI1-OP-07 Datasheet
373Kb / 8P
[Old version datasheet]   Low Offset, Low Drift Operational Amplifier
logo
Burr-Brown (TI)
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
[Old version datasheet]   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
OP-07 NSC-OP-07 Datasheet
124Kb / 6P
   Low Offset, Low Drift Operational Amplifier
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
List of Unclassifed Man...
AMP771 ETC2-AMP771 Datasheet
65Kb / 2P
   Low Offset RRO Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com