Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDK8307 Datasheet(PDF) 2 Page - Exar Corporation

Part # CDK8307
Description  12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CDK8307 Datasheet(HTML) 2 Page - Exar Corporation

  CDK8307 Datasheet HTML 1Page - Exar Corporation CDK8307 Datasheet HTML 2Page - Exar Corporation CDK8307 Datasheet HTML 3Page - Exar Corporation CDK8307 Datasheet HTML 4Page - Exar Corporation CDK8307 Datasheet HTML 5Page - Exar Corporation CDK8307 Datasheet HTML 6Page - Exar Corporation CDK8307 Datasheet HTML 7Page - Exar Corporation CDK8307 Datasheet HTML 8Page - Exar Corporation CDK8307 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Data Sheet
©2009-2013 Exar Corporation
2/31
Rev 1C
Table of Contents
Features .................................................................. 1
Applications ............................................................ 1
General Description................................................ 1
Block Diagram ........................................................ 1
Table of Contents ................................................... 2
Ordering Information............................................. 3
Pin Configurations.................................................. 4
Pin Assignments .................................................. 5-8
Absolute Maximum Ratings ................................... 9
Reliability Information........................................... 9
ESD Protection........................................................ 9
Recommended Operating Conditions.................... 9
Electrical Characteristics...................................... 10
Electrical Characteristics – CDK8307A............10-11
Electrical Characteristics – CDK8307B................ 11
Electrical Characteristics – CDK8307C............11-12
Electrical Characteristics – CDK8307D............12-13
Electrical Characteristics – CDK8307E ................ 13
Digital and Timing Electrical Characteristics ..13-14
LVDS Timing Diagrams......................................... 15
Figure 1. 12-bit Output, DDR Mode......................... 15
Figure 2. 14-bit Output, DDR Mode......................... 15
Figure 3. 12-bit Output, SDR Mode......................... 15
Figure 4. Data Timing............................................ 15
Serial Interface..................................................... 16
Timing Diagram .................................................... 16
Figure 5. Serial Port Interface Timing Diagram..... 16
Table 1. Serial Port Interface Timing Definitions ... 16
Register Initialization ............................................. 16
Serial Register Map ..........................................17-18
Table 2. Summary of Functions Supported
by Serial Interface ................................17-18
Description of Serial Registers ........................18-25
Table 3. Software Reset ......................................... 18
Table 4. Power-Down Modes .................................. 18
Table 5. LVDS Drive Strength Programmability......... 19
Table 6. LVDS Output Drive Strength for
LCLK, FCLK, and Data ............................... 19
Table 7. LVDS Internal Termination
Programmability ....................................... 20
Table 8. LVDS Output Internal Termination.............. 20
Table 9. Analog Input Invert................................... 20
Table 10. LVDS Test Patterns.................................. 21
Table 11. Programmable Gain................................. 21
Table 12. Gain Setting for Channels 1-8 .................. 22
Table 13. LVDS Clock Programmability and
Data Output Modes................................. 22
Figure 6. Phase Programmability Modes for LCLK..... 23
Figure 7. SDR Interface Modes ............................... 23
Table 14. Number of Serial Output Bits ................... 23
Figure 8. LVDS Output Timing Adjustment .............. 24
Table 15. Full Scale Control .................................... 24
Table 16. Register Values with Corresponding
Charge in Full-Scale Range ...................... 25
Table 17. Clock Frequency...................................... 25
Table 18. Clock Frequency Settings......................... 25
Table 19. Performance Control................................ 25
Table 20. Performance Control Settings................... 26
Table 21. External Common Mode Voltage
Buffer Driving Strength ........................... 26
Theory of Operation ............................................. 27
Recommended Usage........................................... 27
Analog Input......................................................... 27
Figure 9. Input Configuration Diagram ................ 27
DC-Coupling.......................................................... 27
Figure 10. DC-Coupled Input .............................. 27
AC-Coupling.......................................................... 28
Figure 11. Transformer Coupled Input ................. 28
Figure 12. AC-Coupled Input .............................. 28
Figure 13. Alternative Input Network................... 28
Clock Input and Jitter Considerations ...................... 29
Mechanical Dimensions ...................................30-31
QFN-64 Package.................................................... 30
TQFP-80 Package .................................................. 31


Similar Part No. - CDK8307

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK8307 CADEKA-CDK8307 Datasheet
1Mb / 29P
   12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
CDK8307AILP64 CADEKA-CDK8307AILP64 Datasheet
1Mb / 29P
   12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
CDK8307AILP64 CADEKA-CDK8307AILP64 Datasheet
1Mb / 31P
   12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
CDK8307AILP64B2 CADEKA-CDK8307AILP64B2 Datasheet
1Mb / 29P
   12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
CDK8307AITQ80 CADEKA-CDK8307AITQ80 Datasheet
1Mb / 29P
   12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
More results

Similar Description - CDK8307

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK8307_1A CADEKA-CDK8307_1A Datasheet
1Mb / 31P
   12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
CDK8307 CADEKA-CDK8307 Datasheet
1Mb / 29P
   12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Exar Corporation
CDK1307 EXAR-CDK1307 Datasheet
957Kb / 15P
   Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
logo
Cadeka Microcircuits LL...
CDK1307 CADEKA-CDK1307 Datasheet
1Mb / 15P
   Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
logo
Exar Corporation
CDK2307 EXAR-CDK2307 Datasheet
908Kb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
logo
Cadeka Microcircuits LL...
CDK2307_2B CADEKA-CDK2307_2B Datasheet
1Mb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
CDK2307 CADEKA-CDK2307 Datasheet
1Mb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
logo
Linear Technology
LTC2229 LINER-LTC2229 Datasheet
552Kb / 24P
   12-Bit, 80Msps Low Power 3V ADC
logo
Cadeka Microcircuits LL...
CDK1308 CADEKA-CDK1308 Datasheet
1Mb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK1308 CADEKA-CDK1308_09 Datasheet
1Mb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com