Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDK3405CTQ48 Datasheet(PDF) 10 Page - Exar Corporation

Part # CDK3405CTQ48
Description  8-bit, 180MSPS, Triple Video DAC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CDK3405CTQ48 Datasheet(HTML) 10 Page - Exar Corporation

Back Button CDK3405CTQ48 Datasheet HTML 3Page - Exar Corporation CDK3405CTQ48 Datasheet HTML 4Page - Exar Corporation CDK3405CTQ48 Datasheet HTML 5Page - Exar Corporation CDK3405CTQ48 Datasheet HTML 6Page - Exar Corporation CDK3405CTQ48 Datasheet HTML 7Page - Exar Corporation CDK3405CTQ48 Datasheet HTML 8Page - Exar Corporation CDK3405CTQ48 Datasheet HTML 9Page - Exar Corporation CDK3405CTQ48 Datasheet HTML 10Page - Exar Corporation CDK3405CTQ48 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Data Sheet
©2009-2013 Exar Corporation
10/11
Rev 1C
Figure 5. Unmatched tR
Figure 6. Matched tR
Figure 7. Unmatched tF
Figure 8. Matched tF
-5
0
5
10
15
20
0.8
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Time (ns)
-5
0
5
10
15
20
0.8
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Time (ns)
-5
0
5
10
15
20
0.8
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Time (ns)
-5
0
5
10
15
20
0.8
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Time (ns)
Figure 9. Typical Interface Circuit Diagram
Evaluation boards are available (CEB3405), contact CADEKA for more information.
Related Products
n
CDK3400/3401 Triple 10-bit 180MSPS DACs
n
CDK3404 Triple 8-bit 180MSPS DAC
R7-0
G7-0
B7-0
CDK3405
Triple 8-bit D/A Converter
CLK
SYNC
BLANK
RED PIXEL
INPUT
GREEN PIXEL
INPUT
BLUE PIXEL
INPUT
CLOCK
SYNC
BLANK
COMP
VREF
RREF
VDDA
0.1µF
0.1µF
348Ω
3.3kΩ
(not required without external reference)
LM185-1.2
(Optional)
IOR
IOG
IOB
75Ω
75Ω
75Ω
75Ω
75Ω
75Ω
Zo = 75Ω
Red
Green w/Sync
Blue
Zo = 75Ω
Zo = 75Ω
+3.3V
0.01µF
0.1µF
0.1µF
10µF
VDDD
GND
VDDA
VAA
VAA
(29, 30)
(13)
VAA


Similar Part No. - CDK3405CTQ48

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK3405 CADEKA-CDK3405 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
CDK3405ATQ48 CADEKA-CDK3405ATQ48 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
CDK3405ATQ48Y CADEKA-CDK3405ATQ48Y Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
More results

Similar Description - CDK3405CTQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CDK3404 EXAR-CDK3404 Datasheet
927Kb / 11P
   8-bit, 180MSPS, Triple Video DAC
logo
Cadeka Microcircuits LL...
CDK3405 CADEKA-CDK3405 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
CDK3404 CADEKA-CDK3404 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
logo
Analog Devices
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
logo
NXP Semiconductors
TDF8771A PHILIPS-TDF8771A Datasheet
97Kb / 20P
   Triple 8-bit video Digital-to-Analog Converter (DAC)
2003 Apr 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com