Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1993A Datasheet(PDF) 5 Page - Keysight Technologies

Part # E1993A
Description  W-CDMA Mobile Test Application
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1993A Datasheet(HTML) 5 Page - Keysight Technologies

  E1993A Datasheet HTML 1Page - Keysight Technologies E1993A Datasheet HTML 2Page - Keysight Technologies E1993A Datasheet HTML 3Page - Keysight Technologies E1993A Datasheet HTML 4Page - Keysight Technologies E1993A Datasheet HTML 5Page - Keysight Technologies E1993A Datasheet HTML 6Page - Keysight Technologies E1993A Datasheet HTML 7Page - Keysight Technologies E1993A Datasheet HTML 8Page - Keysight Technologies E1993A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
05 | Keysight | E1963A W-CDMA Mobile Test Application - Technical Overview
3GPP TS 34.121-1 (continued)
Test description
E1963A/E6703X
6.2
Reference sensitivity
Yes
6.2A
Reference sensitivity level for DC-HSDPA
Yes5
6.2B
Reference sensitivity level for DB-DCHSDPA
Yes5
6.3
Maximum input level
Yes5
6.3A
Maximum input level for HS+DPCCH reception (16QAM)
Yes5
6.3B
Maximum input level for HS+PDSCH reception (64QAM)
Yes5
6.3C
Maximum input level for DC-HSDPA reception (16QAM)
Yes5
6.3D
Maximum input level for DC-HSDPA reception (64QAM)
Yes5
6.3E
Maximum input level for DB-DC-HSDPA reception (16QAM)
Yes5
6.3F
Maximum input level for DB-DC-HSDPA reception (64QAM)
Yes5
6.4
Adjacent channel selectivity (ACS) (Release 99 and Release 4)
Yes1
6.4A
ACS (Release 5 and later releases)
Yes1
6.4B
Adjacent channel selectivity (ACS) for DC-HSDPA
Yes1
6.4C
Adjacent channel selectivity (ACS) for DB-DC-HSDPA
Yes1
6.5
Blocking characteristics
Yes1
6.5A
Blocking characteristics for DC-HSDPA
Yes1
6.5B
Blocking characteristics for DB-DC-HSDPA
Yes1
6.6
Spurious response
Yes1
6.6A
Spurious response for DC-HSDPA
Yes1
6.6B
Spurious response for DB-DC-HSDPA
Yes1
6.7
Intermodulation characteristics
Yes1
6.7A
Intermodulation characteristics for DC-HSDPA
Yes1
6.7B
Intermodulation characteristics for DB-DC-HSDPA
Yes1
6.8
Spurious emissions
Yes1
7.2
Demod in static propagation
Yes
7.3
Demod in multi-path
E6703X4
7.4
Demod in moving channel
E6703X4
7.5
Demod in birth-death
E6703X4
1. Requires use of external source.
2. Requires use of external spectrum analyzer.
3. Requires use of external spectrum analyzer and source.
4. Internal fading is possible using the N5106A PXB baseband generator
and channel emulator. Most of these tests require external instrumentation
such as faders. Consult TS 34.121-1 for details.
5. Requires feature option license.


Similar Part No. - E1993A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E199 GILWAY-E199 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
Keysight Technologies
E1991B KEYSIGHT-E1991B Datasheet
512Kb / 6P
   For use with the 8960 Series 10 (E5515C) Wireless Communications Test Set
E1996A KEYSIGHT-E1996A Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
E1999A KEYSIGHT-E1999A Datasheet
512Kb / 6P
   E1999A-202 Enhanced Fast Device Tune
More results

Similar Description - E1993A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1963A KEYSIGHT-E1963A Datasheet
719Kb / 40P
   W-CDMA Mobile Test Application
E6703J KEYSIGHT-E6703J Datasheet
719Kb / 40P
   Mobile Test Application
logo
Agilent(Hewlett-Packard...
E6832A HP-E6832A Datasheet
222Kb / 6P
   W-CDMA Calibration Application
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
logo
Kyocera Kinseki Corpota...
LSFB54-380-004M0 KSS-LSFB54-380-004M0 Datasheet
128Kb / 1P
   W-CDMA-IF
LSFB54-190-004M0 KSS-LSFB54-190-004M0 Datasheet
151Kb / 1P
   W-CDMA-IF
logo
RFHIC
AP410 RFHIC-AP410_14 Datasheet
240Kb / 8P
   CDMA, W-CDMA Medium Power Amplifier
logo
RF Micro Devices
RF2638 RFMD-RF2638 Datasheet
152Kb / 10P
   W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
logo
Panasonic Semiconductor
MN1959041 PANASONIC-MN1959041 Datasheet
206Kb / 23P
   COMMERCIAL MPEG-4 VIDEO CODEC IC FOR W-CDMA MOBILE VISUAL TERMINALS
logo
List of Unclassifed Man...
JZ4770 ETC1-JZ4770 Datasheet
1Mb / 47P
   Mobile Application Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com