Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDD56V16161NP-02 Datasheet(PDF) 8 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDD56V16161NP-02
Description  2-Bank횞524,288-Word횞16-Bit SYNCHRONOUS DYNAMIC RAM
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDD56V16161NP-02 Datasheet(HTML) 8 Page - LAPIS Semiconductor Co., Ltd.

Back Button FEDD56V16161NP-02 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. FEDD56V16161NP-02 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDD56V16161NP-02 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDD56V16161NP-02 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDD56V16161NP-02 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDD56V16161NP-02 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. FEDD56V16161NP-02 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. FEDD56V16161NP-02 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. FEDD56V16161NP-02 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
FEDD56V16161NP-02
MSM56V16161NP
8/44
AC Characteristics (2/2)
Ta= -40 to 85°C
VCC = VCCQ = 3.0V~3.6V
Note1,2
Parameter
Symbol
MSM56V16161NP
Unit
Note
-6
-7
-75
-10
/CAS to /CAS Delay Time
(Min.)
lCCD
1
1
1
1
Cycle
Clock Disable Time from
CKE
lCKE
1
1
1
1
Cycle
Data Output High
Impedance Time from
UDQM, LDQM
lDOZ
2
2
2
2
Cycle
Dada Input Mask Time
from UDQM, LDQM
lDOD
0
0
0
0
Cycle
Data Input Mask Time from
Write Command
lDWD
0
0
0
0
Cycle
Data Output High
Impedance Time from
Precharge Command
lROH
CL
CL
CL
CL
Cycle
Active Command Input
Time from Mode Register
Set Command Input (Min.)
lMRD
2
2
2
2
Cycle
Write Command Input Time
from Output
lOWD
2
2
2
2
Cycle
Notes: 1. AC measurements assume that tT = 1ns,.
2. Test condition
Parameter
Test Condition
Unit
Input voltage for AC measurement
2.4
0.4
V
Transition Time for AC measurement
tT=1
ns
Reference level for timing of input signal (tT
1ns)
1.4
V
Reference level for timing of input signal (tT>
1ns)
VIH Min.
VIL Max.
V
Reference level for timing of output signal
1.4
V
3. Output load.
4. If tT is longer than 1ns, then the reference level for timing of input signals is VIH and VIL.
5. It is necessary to operate auto-refresh 4096 cycles within tREF.
6. If tCC is longer than 20ns, the spec of tWR (min.) is 20ns (1 cycle).
Output
Z=50
30pF (External Load)
1.4V
50


Similar Part No. - FEDD56V16161NP-02

ManufacturerPart #DatasheetDescription
logo
Rohm
FEDD56V16161NP-02 ROHM-FEDD56V16161NP-02 Datasheet
991Kb / 44P
   16-Bit SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - FEDD56V16161NP-02

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
MSM56V16161N LAPIS-MSM56V16161N Datasheet
992Kb / 44P
   2-Bank횞524,288-Word횞16-Bit SYNCHRONOUS DYNAMIC RAM
logo
Panasonic Semiconductor
MN4SV17160BT-80 PANASONIC-MN4SV17160BT-80 Datasheet
2Mb / 54P
   16M BIT SYNCHRONOUS DYNAMIC RAM
logo
Rohm
FEDD56V62160MTA-06 ROHM-FEDD56V62160MTA-06 Datasheet
443Kb / 43P
   16-Bit SYNCHRONOUS DYNAMIC RAM
FEDD56V62160E-07 ROHM-FEDD56V62160E-07 Datasheet
415Kb / 33P
   16-Bit SYNCHRONOUS DYNAMIC RAM
FEDD56V16161NP-02 ROHM-FEDD56V16161NP-02 Datasheet
991Kb / 44P
   16-Bit SYNCHRONOUS DYNAMIC RAM
FEDD56V16161N-01 ROHM-FEDD56V16161N-01 Datasheet
989Kb / 44P
   SYNCHRONOUS DYNAMIC RAM
logo
Fujitsu Component Limit...
MB81F161622B-75 FUJITSU-MB81F161622B-75 Datasheet
2Mb / 45P
   SYNCHRONOUS DYNAMIC RAM
logo
Vanguard International ...
VG36128401A VML-VG36128401A Datasheet
940Kb / 69P
   CMOS Synchronous Dynamic RAM
logo
Texas Instruments
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com