Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL7396ABE-07 Datasheet(PDF) 10 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL7396ABE-07
Description  Sub GHz band short range wireless transceiver IC
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL7396ABE-07 Datasheet(HTML) 10 Page - LAPIS Semiconductor Co., Ltd.

Back Button FEDL7396ABE-07 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL7396ABE-07 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL7396ABE-07 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL7396ABE-07 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. FEDL7396ABE-07 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. FEDL7396ABE-07 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. FEDL7396ABE-07 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. FEDL7396ABE-07 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. FEDL7396ABE-07 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
10/140
●Recommended operating conditions
Item
Symbol
Conditions
Min
Typ
Max
Unit
Power Supply (I/O)
VDDIO
VDD_IO, VDD_REG pins
1.8
3.3
3.6
V
VDD_PA pin
TX power 1mW mode
1.8
3.3
3.6
V
VDD_PA pin
TX power 10mW mode
2.3
3.3
3.6
V
Power Supply (PA)
VDDPA
VDD_PA pin
TX power 20mW mode
2.6
3.3
3.6
V
Power Supply (RF) (*2)
VDDRF
VDD_RF,
VDD_IF,
VDD_VCO,
VDD_CP pins
1.4
1.5
1.6
V
Operating Temperature
Ta
-
-40
+25
+85
˚C
Digital Input Rising Time
TIR
Digital input pins (*1)
-
-
20
ns
Digital Input Falling Time
TIF
Digital Input pins (*1)
-
-
20
ns
Digital Output Loads
CDL
All Digital Output pins
-
-
20
pF
Master Clock1 Accuracy
(Crystal)
FMCK1
XIN, XOUT pins
-20ppm
(*3)
36
+20ppm
(*3)
MHz
Master Clock2 Accuracy
(TCXO)
FMCK2
TCXO pin
-20ppm
(*3)
36
+20ppm
(*3)
MHz
TCXO Input Voltage
VTCXO
DC cut
0.8
-
1.5
Vpp
SPI clock frequency
FSCLK
SCLK pin
0.032
2
16
MHz
SPI clock duty ratio
DSCLK
SCLK pin
45
50
55
%
RF channel frequency
FRF
LNA_P,PA_OUT pins
863
-
960
MHz
*1 Those pins with symbol I, Is at pin definition section
*2 Use REG_OUT output of this LSI.
*3 It’s max.+10ppm and min.-10ppm at 10kbps setting.
[Note]
Electrical characteristics are in the above recommended operating conditions without special instruction.


Similar Part No. - FEDL7396ABE-07

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL7344C LAPIS-FEDL7344C Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
FEDL7344CE LAPIS-FEDL7344CE Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
FEDL7344CJ-01 LAPIS-FEDL7344CJ-01 Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
FEDL7344CJ-03 LAPIS-FEDL7344CJ-03 Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
FEDL7344CJ-04 LAPIS-FEDL7344CJ-04 Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
More results

Similar Description - FEDL7396ABE-07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7344C ETC2-ML7344C Datasheet
1Mb / 151P
   Sub-GHz band short range wireless transceiver IC
logo
LAPIS Semiconductor Co....
ML7344C LAPIS-ML7344C Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
logo
List of Unclassifed Man...
ML7386 ETC2-ML7386 Datasheet
448Kb / 41P
   Sub GHz band wireless transmitter IC
logo
Renesas Technology Corp
REJ03F0087-0100Z RENESAS-REJ03F0087-0100Z Datasheet
445Kb / 28P
   RF Transceiver for Short-range Wireless
logo
NIHON DEMPA KOGYO
WFC30B0924FF NDK-WFC30B0924FF_18 Datasheet
833Kb / 1P
   For Short-range Wireless
WFC11B0922CG NDK-WFC11B0922CG_18 Datasheet
764Kb / 1P
   For Short-range Wireless
logo
Motorola, Inc
MC13190 MOTOROLA-MC13190 Datasheet
505Kb / 15P
   2.4 GHz Short-Range, Low-Power Transceiver
logo
NIHON DEMPA KOGYO
WFC93B0429CL NDK-WFC93B0429CL_18 Datasheet
835Kb / 1P
   For Short-range Wireless
WFC11B0922CG NDK-WFC11B0922CG Datasheet
365Kb / 1P
   For Short-range Wireless
WFD79C0925FG NDK-WFD79C0925FG_18 Datasheet
877Kb / 1P
   For Short-range Wireless
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com