Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFEDL7344CJ-02 Datasheet(PDF) 9 Page - LAPIS Semiconductor Co., Ltd.

Part # EFEDL7344CJ-02
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

EFEDL7344CJ-02 Datasheet(HTML) 9 Page - LAPIS Semiconductor Co., Ltd.

Back Button EFEDL7344CJ-02 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. EFEDL7344CJ-02 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. EFEDL7344CJ-02 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. EFEDL7344CJ-02 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. EFEDL7344CJ-02 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. EFEDL7344CJ-02 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. EFEDL7344CJ-02 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. EFEDL7344CJ-02 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. EFEDL7344CJ-02 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
9/154
●Miscellaneous pins
Pin
Pin name
Reset
state
I/O
Active
Level
function
5
XIN
N.C.(*2)
I
IA
P or N
26MHz crystal pin1
(Note) In case of TCXO, it must be open.
6
XOUT
TCXO(*2)
O
OA
IA
I
P or N 26MHz crystal pin 2 or TCXO input
8
RESETN
I
IS
L
Reset
L: Hardware reset enable (Forcing reset state)
H: Normal operation
10
EXT_CLK
I
IO
P or N
Digital I/O (*3)
Reset state: External RTC (32kHz) input. [ML7344E/J]
External PA control signal output. [ML7344C]
16
GPIO0
O/H
IO
or
OD(*1)
H or L
Digital GPIO (*4)
Reset state: interrupt indication signal output
17
GPIO1
O/L
IO
or
OD(*1)
H or L
Digital GPIO (*5)
Reset state: clock output
18
ANT_SW/
GPIO2
O/L
IO
or
OD(*1)
H or L
Digital GPIO (*6)
Reset state: Antenna diversity selection control signal
19
TRX_SW/
GPIO3
O/L
IO
or
OD(*1)
H or L
Digital GPIO (*7)
Reset state: TX –RX selection signal control
(Note)
*1 OD is open drain output.
*2 The following pin names are different depend on products.
Pin No.
ML7344C
ML7344T
5
XIN
N.C.
6
XOUT
TCXO
(Note)
*1 In case of using TCXO, set TCXO_EN=0b1. Please make sure only one of the register TCXO_EN,
XTAL_EN is set to 0b1.
*2 For ML7344Jy, the initial value of the register TCXO_EN is 0b1. In case of using ML7344JC, the register
XTAL_EN([CLK_SET2: B0 0x03(4)])=0b1 must be programmed first.
*3 For ML7344Cy, the initial value of the register XTAL_EN is 0b1. In case of using ML7344CT, the
register TCXO_EN([CLK_SET2: B0 0x03(6)])=0b1 must be programmed first.
*4 Please refer to [EXTCLK_CTR: B0 0x52] register.
*5 Please refer to [GPIO0_CTRL: B0 0x4E] register
*6 Please refer to [GPIO1_CTRL: B0 0x4F] register
*7 Please refer to [GPIO2_CTRL: B0 0x50] register
*8 Please refer to [GPIO3_CTRL: B0 0x51] register


Similar Part No. - EFEDL7344CJ-02

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
EFE01B CRYDOM-EFE01B Datasheet
1Mb / 5P
   Power Modules
EFE01BF CRYDOM-EFE01BF Datasheet
1Mb / 5P
   Power Modules
EFE01C CRYDOM-EFE01C Datasheet
1Mb / 5P
   Power Modules
EFE01CF CRYDOM-EFE01CF Datasheet
1Mb / 5P
   Power Modules
EFE01E CRYDOM-EFE01E Datasheet
1Mb / 5P
   Power Modules
More results

Similar Description - EFEDL7344CJ-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7344C ETC2-ML7344C Datasheet
1Mb / 151P
   Sub-GHz band short range wireless transceiver IC
logo
LAPIS Semiconductor Co....
ML7396A LAPIS-ML7396A Datasheet
1Mb / 140P
   Sub GHz band short range wireless transceiver IC
logo
List of Unclassifed Man...
ML7386 ETC2-ML7386 Datasheet
448Kb / 41P
   Sub GHz band wireless transmitter IC
logo
Renesas Technology Corp
REJ03F0087-0100Z RENESAS-REJ03F0087-0100Z Datasheet
445Kb / 28P
   RF Transceiver for Short-range Wireless
logo
NIHON DEMPA KOGYO
WFC30B0924FF NDK-WFC30B0924FF_18 Datasheet
833Kb / 1P
   For Short-range Wireless
WFC11B0922CG NDK-WFC11B0922CG_18 Datasheet
764Kb / 1P
   For Short-range Wireless
logo
Motorola, Inc
MC13190 MOTOROLA-MC13190 Datasheet
505Kb / 15P
   2.4 GHz Short-Range, Low-Power Transceiver
logo
NIHON DEMPA KOGYO
WFC93B0429CL NDK-WFC93B0429CL_18 Datasheet
835Kb / 1P
   For Short-range Wireless
WFC11B0922CG NDK-WFC11B0922CG Datasheet
365Kb / 1P
   For Short-range Wireless
WFD79C0925FG NDK-WFD79C0925FG_18 Datasheet
877Kb / 1P
   For Short-range Wireless
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com