Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL7344CE Datasheet(PDF) 4 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL7344CE Datasheet(HTML) 4 Page - LAPIS Semiconductor Co., Ltd.

  FEDL7344CE Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. FEDL7344CE Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. FEDL7344CE Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. FEDL7344CE Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. FEDL7344CE Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDL7344CE Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL7344CE Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL7344CE Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL7344CE Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
4/154
■Description Convention
1) Numbers description
‘0xnn’ indicates hexadecimal and ‘0bnn’ indicates binary
Example: 0x11=17 (decimal), 0b11=3 (decimal)
2) Register description
[<register name>: B<Bank No.> <register address>] register
Example: [RF_STATUS: B0 0x0B] register
Register name: RF_STATUS
Bank No.: 0
Register address: 0x0B
3) Bit name description
<bit name> ([<register name>: B<Bank No.> <register address> (<bit location>)])
Example: SET_TRX[3:0]([RF_STATUS: B0 0x0B(3-0)])
Bit name: SET_TRX
Register name: RF_STATUS
Bank No.: 0
Register address: 0x0B
Bit location: bit3 to bit0
4) In this documet
“TX” stands for transmittion.
“RX” stands for reception.


Similar Part No. - FEDL7344CE

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL7396ABE-01 LAPIS-FEDL7396ABE-01 Datasheet
1Mb / 140P
   Sub GHz band short range wireless transceiver IC
FEDL7396ABE-07 LAPIS-FEDL7396ABE-07 Datasheet
1Mb / 140P
   Sub GHz band short range wireless transceiver IC
FEDL7396A_B_E-02 LAPIS-FEDL7396A_B_E-02 Datasheet
1Mb / 140P
   Sub GHz band short range wireless transceiver IC
FEDL7396A_B_E-06 LAPIS-FEDL7396A_B_E-06 Datasheet
1Mb / 140P
   Sub GHz band short range wireless transceiver IC
More results

Similar Description - FEDL7344CE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7344C ETC2-ML7344C Datasheet
1Mb / 151P
   Sub-GHz band short range wireless transceiver IC
logo
LAPIS Semiconductor Co....
ML7396A LAPIS-ML7396A Datasheet
1Mb / 140P
   Sub GHz band short range wireless transceiver IC
logo
List of Unclassifed Man...
ML7386 ETC2-ML7386 Datasheet
448Kb / 41P
   Sub GHz band wireless transmitter IC
logo
Renesas Technology Corp
REJ03F0087-0100Z RENESAS-REJ03F0087-0100Z Datasheet
445Kb / 28P
   RF Transceiver for Short-range Wireless
logo
NIHON DEMPA KOGYO
WFC30B0924FF NDK-WFC30B0924FF_18 Datasheet
833Kb / 1P
   For Short-range Wireless
WFC11B0922CG NDK-WFC11B0922CG_18 Datasheet
764Kb / 1P
   For Short-range Wireless
logo
Motorola, Inc
MC13190 MOTOROLA-MC13190 Datasheet
505Kb / 15P
   2.4 GHz Short-Range, Low-Power Transceiver
logo
NIHON DEMPA KOGYO
WFC93B0429CL NDK-WFC93B0429CL_18 Datasheet
835Kb / 1P
   For Short-range Wireless
WFC11B0922CG NDK-WFC11B0922CG Datasheet
365Kb / 1P
   For Short-range Wireless
WFD79C0925FG NDK-WFD79C0925FG_18 Datasheet
877Kb / 1P
   For Short-range Wireless
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com