Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7202-001 Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7202-001
Description  2-Channel Echo Canceler with Multifunction ADPCM Transcoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7202-001 Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  ML7202-001 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
FEDL7202-001-01
Issue Date: Sep. 08, 2004
ML7202-001
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
1/65
GENERAL DESCRIPTION
The ML7202-001 is an LSI supporting 2-channel transmit/receive. Each channel of transmit/receive has a built-in
line echo canceler and full-duplex ADPCM transcoder. The ML7202-001, which performs functions such as the
DTMF tone and single tone generation, and tone detection, transmit/receive data mute, gain control, and VOX, is
ideally suited to applications such as basestations of ADPCM-based cordless telephone systems like
Asian-prevailing PHS (Personal Handyphone System).
FEATURES
 Single 3.3 V power supply (DVDD1, 2, AVDD: 3.0 to 3.6 V)
 ADPCM: ITU-T Recommendation G.726 (32 kbps)
 PCM interface code format: ITU-T Recommendation G.711 (64 kbps), -law or A-law selectable
 Built-in echo canceler
Echo attenuation: 30 dB (typ.) white noise
Cancelable echo delay time: 64ms (max)
 Serial ADPCM and PCM transmission rate: 64 to 2048 kbps
 Digital interface synchronization mode: Long Frame Sync
 Time slot assignment
-law/A-law setting: Supports 32 slots (BCLK setting: 2.048 MHz external input)
 Transmit/receive mute function and transmit/receive programmable gain setting
Built-in DTMF tone and single tone generators
Single tone detector
2100 Hz (default)

Built-in VOX functions
Transmit side
: Voice/silence detection
Receive side
: Background noise generation during silence
Parallel microcontroller interface
Master clock frequency: 19.2 MHz
Hardware and software power-down mode
Operating temperature range: –40°C to +85°C
 Package:
64-pin plastic TQFP (TQFP64-P-1010-0.50-K) (ML7202-001TB)


Similar Part No. - ML7202-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results

Similar Description - ML7202-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
OKI electronic componet...
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
   Echo Canceler with ADPCM Transcoder
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
   Echo Canceler with ADPCM CODEC
MSM7617 OKI-MSM7617 Datasheet
271Kb / 29P
   2-Channel Echo Canceler
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
   Echo Canceler
MSM7620 OKI-MSM7620 Datasheet
225Kb / 28P
   Echo Canceler
logo
Motorola, Inc
MC145532 MOTOROLA-MC145532 Datasheet
220Kb / 16P
   ADPCM Transcoder
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
   Echo Canceler
ML7021 OKI-ML7021 Datasheet
244Kb / 24P
   Echo Canceler
logo
Mitel Networks Corporat...
MT9126 MITEL-MT9126 Datasheet
312Kb / 22P
   CMOS Quad ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com