Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7037-003 Datasheet(PDF) 6 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7037-003
Description  Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7037-003 Datasheet(HTML) 6 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7037-003 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7037-003 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7037-003 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7037-003 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7037-003 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7037-003 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7037-003 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7037-003 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7037-003 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 87 page
background image
FEDL7037-003-03
ML7037-003
6/87
Pin
Number
Pin Name
I/O
PDN=”0”
Descriptions
40
GPIB4
(ALCTHR)
I
I
General-purpose input port pin
Primary function>
General-purpose input port pin
Secondary function>
Input pin to select ALC mode between normal mode and through mode
41
GPIB5
(SLPTHR)
I
I
General-purpose input port pin
Primary function>
General-purpose input port pin
Secondary function>
Input pin to select slope filter mode between normal mode and through mode
42
GPIB6
(ECSEL)
I
I
General-purpose input port pin
Primary function>
General-purpose input port pin
Secondary function>
Input pin to select echo canceler mode between single echo canceler mode
and dual echo canceler mode
43
GPIB7
(ECEN)
I
I
General-purpose input port pin
Primary function>
General-purpose input port pin
Secondary function>
Input pin to switch between disabling and enabling echo canceler
44
SYNCSEL
I
I
Input pin to select between long frame sync and short frame sync
45
BCLK
I/O
L (*1)
I (*2)
Shift clock input pin for PCM interface
46
SYNC
I/O
L (*1)
I (*2)
Sync clock input pin for PCM interface
47
PCMI
I
I
line-side PCM data input pin
48
PCMO
O
Hi-Z
line-side PCMdata output pin
49
PCMSEL
I
I
Input pin to select speech digital interface coding format between 16bit
Linear PCM and
-law PCM
50
GPOC0
O
L
General-purpose output port pin
51
GPOC1
O
L
General-purpose output port pin
52
GPOC2
O
L
General-purpose output port pin
53
GPOC3
O
L
General-purpose output port pin
Note)
(*1):Shows the output state when the CLKSEL-pin is logic ‘0’.
(*2):Shows the output state when the CLKSEL-pin is logic ‘1’.


Similar Part No. - ML7037-003

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7033 OKI-ML7033 Datasheet
445Kb / 51P
   Dual-Channel Line Card CODEC
logo
LAPIS Semiconductor Co....
ML7033 LAPIS-ML7033 Datasheet
317Kb / 52P
   Dual-Channel Line Card CODEC
logo
List of Unclassifed Man...
ML7033-01 ETC2-ML7033-01 Datasheet
317Kb / 52P
   Dual-Channel Line Card CODEC
logo
OKI electronic componet...
ML7033GA OKI-ML7033GA Datasheet
445Kb / 51P
   Dual-Channel Line Card CODEC
More results

Similar Description - ML7037-003

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7731-02 OKI-MSM7731-02 Datasheet
391Kb / 53P
   Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
   Echo Canceler with ADPCM CODEC
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
   Echo Canceler
MSM7620 OKI-MSM7620 Datasheet
225Kb / 28P
   Echo Canceler
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
   Echo Canceler
ML7021 OKI-ML7021 Datasheet
244Kb / 24P
   Echo Canceler
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
   Echo Canceler with ADPCM Transcoder
MSM7617 OKI-MSM7617 Datasheet
271Kb / 29P
   2-Channel Echo Canceler
logo
Sanyo Semicon Device
LA7013 SANYO-LA7013 Datasheet
115Kb / 1P
   VTR NOISE CANCELER FOR -VTR
logo
LAPIS Semiconductor Co....
ML7202-001 LAPIS-ML7202-001 Datasheet
635Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com