Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML630Q464 Datasheet(PDF) 4 Page - LAPIS Semiconductor Co., Ltd.

Part # ML630Q464
Description  Ultra Low Power 32-bit Microcontroller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML630Q464 Datasheet(HTML) 4 Page - LAPIS Semiconductor Co., Ltd.

  ML630Q464 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
FEDL630Q464-01
ML630Q464/Q466
4/37
Clock
Low-speed clock:
Crystal oscillation (32.768 kHz)
Built-in RC oscillation (32.768kHz)
High-speed clock:
PLL (24 MHz) generated from Crystal oscillation (32.768 kHz)
Built-in RC oscillation (16MHz)
Power management
HALT mode: Instruction execution by CPU is suspended. All peripheral circuits can keep in operating states.
HALT-H mode: Instruction execution by CPU is suspended. Stop of high-speed oscillation automatically. All peripheral
circuits can keep in operating states.
DEEP-HALT mode: Instruction execution by CPU is suspended. Some peripheral circuits(Timer, LTBC etc.) can keep in
operating states.
ULTRA-DEEP-HALT mode: Instruction execution by CPU is suspended. Some peripheral circuits(Timer, LTBC etc.) can
keep in operating states, at VDD>2.5V.
STOP mode: Stop of low-speed oscillation and high-speed oscillation (Operations of CPU and peripheral circuits are
stopped.)
Clock gear: The frequency of high-speed system clock can be changed by software (1/1, 1/2, 1/4, 1/8,1/16,1/32 of the
oscillation clock)
Block Control Function: Power down (reset registers and stop clock supply) the circuits of unused peripherals.
Guaranteed operating range
Operating temperature (ambient) : −40°C to +85°C
Operating voltage: VDD = 1.8V to 3.6V
Supply current (Typ)
High-speed operation (24 MHz) : 250uA/MHz
ULTRA-DEEP-HALT : 0.80uA
● Package
100-pin plastic TQFP
Tray
ML630Q464-xxxTBZWAX
ML630Q466-xxxTBZWAX


Similar Part No. - ML630Q464

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML630Q791 ETC2-ML630Q791 Datasheet
569Kb / 25P
   32-bit Microcontroller for Sensor Control
logo
LAPIS Semiconductor Co....
ML630Q791 LAPIS-ML630Q791 Datasheet
569Kb / 25P
   32-bit Microcontroller for Sensor Control
More results

Similar Description - ML630Q464

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
LAPIS Semiconductor Co....
ML620Q503 LAPIS-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
List of Unclassifed Man...
ML620Q536 ETC2-ML620Q536 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
   Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
List of Unclassifed Man...
ML620Q538 ETC2-ML620Q538 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q546 ETC2-ML620Q546 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_14 Datasheet
707Kb / 63P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_14 Datasheet
863Kb / 52P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com