Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML630Q464 Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # ML630Q464
Description  Ultra Low Power 32-bit Microcontroller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML630Q464 Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  ML630Q464 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
FEDL630Q464-01
Issue Date: Oct. 26, 2016
ML630Q464/Q466
Ultra Low Power 32-bit Microcontroller
1/37
GENERAL DESCRIPTION
This LSI is a high-performance low power 32-bit microcontroller. Equipped with a 32-bit CPU core CortexTM-M0+, it
implements a 128 KB flash memory, 16 KB RAM, rich peripheral circuits, such as USB Full speed device, synchronous serial
port, UART, I2C bus interface, supply voltage level detect circuit, RC oscillation type A/D converter, successive approximation
type A/D converter, and LCD driver. The Flash ROM that is installed as program memory achieves low-voltage low-power
consumption operation (read operation) is most suitable for battery-driven applications.
FEATURES
CPU
32-bit RISC CPU (CPU name: ARM CortexTM-M0+)
Thumb®/Thumb®-2 instruction supported
Serial Wire Debug Port
Minimum instruction execution time
30.5 µs (@32.768 kHz system clock)
41.7ns (@24 MHz system clock)
Internal memory
Re-writing the program memory area by software
Number of segments
Product name
Flash memory
SRAM
Program area
Data area
ML630Q464
64KB (16K × 32bit)
2KB (0.5K × 32bit)
8KB (2K × 32bit)
ML630Q466
128KB (32K × 32bit)
2KB (0.5K × 32bit)
16KB (4K × 32bit)
Interrupt controller (NVIC)
1 non-maskable interrupt source (Internal source: 1)
31 maskable interrupt sources (Internal sources: 30, External sources: 1)
Priority level (4-level) can be set for each interrupt
DMA controller (DMAC)
2 channels
Enable to allocate multiple DMA transfer request sources for each channel.
Channel priority: fixed mode/round robin mode
DMA transfer mode: cycle steal mode/burst mode
DMA request type: software requests/hardware requests
Maximum transfer count: 65,536
Data transfer size: 8 bits/16 bits/32 bits
Transfer request source: SSIOF, UART, UARTF, I2CF, RC-ADC, SA-ADC
Time base counter (TBC)
Low-speed time base counter ×1 channel
1 kHz Timer
10 Hz / 1 Hz interrupt function


Similar Part No. - ML630Q464

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML630Q791 ETC2-ML630Q791 Datasheet
569Kb / 25P
   32-bit Microcontroller for Sensor Control
logo
LAPIS Semiconductor Co....
ML630Q791 LAPIS-ML630Q791 Datasheet
569Kb / 25P
   32-bit Microcontroller for Sensor Control
More results

Similar Description - ML630Q464

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
LAPIS Semiconductor Co....
ML620Q503 LAPIS-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
List of Unclassifed Man...
ML620Q536 ETC2-ML620Q536 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
   Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
List of Unclassifed Man...
ML620Q538 ETC2-ML620Q538 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q546 ETC2-ML620Q546 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_14 Datasheet
707Kb / 63P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_14 Datasheet
863Kb / 52P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com