Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIIC5271 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIIC5271
Description  UCAP NEGATIVE LOW DROPOUT REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIIC5271 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIIC5271 Datasheet HTML 2Page - Micrel Semiconductor MIIC5271 Datasheet HTML 3Page - Micrel Semiconductor MIIC5271 Datasheet HTML 4Page - Micrel Semiconductor MIIC5271 Datasheet HTML 5Page - Micrel Semiconductor MIIC5271 Datasheet HTML 6Page - Micrel Semiconductor MIIC5271 Datasheet HTML 7Page - Micrel Semiconductor MIIC5271 Datasheet HTML 8Page - Micrel Semiconductor MIIC5271 Datasheet HTML 9Page - Micrel Semiconductor MIIC5271 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MIC5271
Micrel
MIC5271
8
October 2003
Applications Information
The MIC5271 is a general-purpose negative regulator that
can be used in any system that requires a clean negative
voltage from a negative output. This includes post regulating
of DC-DC converters (transformer based or charge pump
based voltage converters). These negative voltages typically
require a negative low dropout voltage regulator to provide a
clean output from typically noisy lines.
Input Capacitor
A 1µF input capacitor should be placed from IN to GND if
there is more than 2 inches of wire or trace between the input
and the AC filter capacitor, or if a battery is used as the input.
Output Capacitor
The MIC5271 requires an output capacitor for stable opera-
tion. A minimum of 1µF of output capacitance is required. The
output capacitor can be increased without limitation to im-
prove transient response. The output does not require ESR
to maintain stability, therefore a ceramic capacitor can be
used. High-ESR capacitors may cause instability. Capacitors
with an ESR of 3Ω or greater at 100kHz may cause a high
frequency oscillation.
Low-ESR tantalums are recommended due to the tight ca-
pacitance tolerance over temperature.
Ceramic chip capacitors have a much greater dependence
on temperature, depending upon the dielectric. The X7R is
recommended for ceramic capacitors because the dielectric
will change capacitance value by approximately 15% over
temperature. The Z5U dielectric can change capacitance
value by as much 50% over temperature, and the Y5V
dielectric can change capacitance value by as much as 60%
over temperature. To use a ceramic chip capacitor with the
Y5V dielectric, the value must be much higher than a tanta-
lum to ensure the same minimum capacitor value over
temperature.
No-Load Stability
The MIC5271 does not require a load for stability.
Enable Input
The MIC5271 comes with an enable pin that allows the
regulator to be disabled. Forcing the enable pin higher than
the negative threshold and lower than the positive threshold
disables the regulator and sends it into a “zero” off-mode
current state. In this state, current consumed by the regulator
goes nearly to zero. The MIC5271 will be in the on mode when
the voltage applied to the enable pin is either greater than the
positive threshold or less than the negative threshold.
-5
-4
-3
-2
-1
0
1
2
3
4
5
-3
-5
-7
-9
-11 -13 -15
SUPPLY VOLTAGE (V)
Enable Input
Regulator On
Regulator On
Regulator Off
Thermal Considerations
Absolute values will be used for thermal calculations to clarify
the meaning of power dissipation and voltage drops across
the part.
Proper thermal design for the MIC5271-5.0BM5 can be
accomplished with some basic design criteria and some
simple equations. The following information must be known
to implement your regulator design:
V
IN = input voltage
V
OUT = output voltage
I
OUT = output current
T
A = ambient operating temperature
I
GND = ground current
Maximum power dissipation can be determined by knowing
the ambient temperature, T
A, the maximum junction tem-
perature, 125°C, and the thermal resistance, junction to
ambient. The thermal resistance for this part, assuming a
minimum footprint board layout, is 235°C/W. The maximum
power dissipation at an ambient temperature of 25°C can be
determined with the following equation:
P
TT
D(max)
J(max)
A
JA
=
θ
P
125 C
25 C
235 C/W
D(max) =
° −
°
°
P
425mW
D(max) =
The actual power dissipation of the regulator circuit can be
determined using one simple equation.
P
D = (VIN – VOUT)IOUT + VIN × IGND
Substituting P
D(max), determined above, for PD and solving
for the operating conditions that are critical to the application
will give the maximum operating conditions for the regulator
circuit. The maximum power dissipation number cannot be
exceeded for proper operation of the device. The maximum
input voltage can be determined using the output voltage of
5.0V and an output current of 100mA. Ground current, of 1mA
for 100mA of output current, can be taken from the “
Electrical
Characteristics ” section of the data sheet.
425mW
V
5.0V 100mA
V
1mA
IN
IN
=
()
425mW
100mA
V
1mA
V
500mW
IN
IN
+
×
()
925mW
101mA
V
IN
V
9.16Vmax
IN =
Therefore, a –5.0V application at 100mA of output current
can accept a maximum input voltage of –9.16V in a SOT-23-5
package. For a full discussion of heat sinking and thermal
effects on voltage regulators, refer to Regulator Thermals
section of Micrel’s
“Designing with Low Dropout Voltage
Regulators” handbook.


Similar Part No. - MIIC5271

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MII100-12A3 IXYS-MII100-12A3 Datasheet
118Kb / 4P
   IGBT Modules
MII145-12A3 IXYS-MII145-12A3 Datasheet
109Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
MII150-12A4 IXYS-MII150-12A4 Datasheet
120Kb / 4P
   IGBT Modules Short Circuit SOA Capability Square RBSOA
MII200-12A4 IXYS-MII200-12A4 Datasheet
115Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
MII300-12A4 IXYS-MII300-12A4 Datasheet
120Kb / 4P
   IGBT Modules
More results

Similar Description - MIIC5271

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3975 MICREL-MIC3975 Datasheet
104Kb / 12P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775 Datasheet
139Kb / 14P
   750mA UCap Low-Voltage Low-Dropout Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
logo
Micrel Semiconductor
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
logo
National Semiconductor ...
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2990 TI-LM2990_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM2990 Negative Low-Dropout Regulator
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
LM2990S-5 TI-LM2990S-5 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990T-15 TI1-LM2990T-15 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com