Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL610Q479-01 Datasheet(PDF) 10 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL610Q479-01
Description  8-bit Microcontroller with a Built-in LCD driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL610Q479-01 Datasheet(HTML) 10 Page - LAPIS Semiconductor Co., Ltd.

Back Button FEDL610Q479-01 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL610Q479-01 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL610Q479-01 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL610Q479-01 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. FEDL610Q479-01 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. FEDL610Q479-01 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. FEDL610Q479-01 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. FEDL610Q479-01 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. FEDL610Q479-01 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
FEDL610Q479-03
ML610Q477/ML610Q478/ML610Q479
10/31
PIN LIST
Primary function
Secondary function
PIN
No.
PAD
No.
Pin name
I/O
Function
Pin name
I/O
Function
6,
75
6,
73
Vss
Negative power supply pin
5
5
VDD
Positive power supply pin
7
7
VDDL
Power supply pin for internal logic
(internally generated)
10
10
VDDX
Power supply pin for low-speed
oscillation
(internally generated)
80
78
VPP
Power supply pin for Flash ROM
23
22
VL1
Power supply pin for LCD bias
(internally generated or connected
to positive power supply pin)
(*1)
24
23
VL2
Power supply pin for LCD bias
(internally generated or connected
to positive power supply pin)
(*1)
25
24
VL3
Power supply pin for LCD bias
(internally generated)
21
20
C1
Capacitor connection pin for LCD
bias generation
22
21
C2
Capacitor connection pin for LCD
bias generation
8
8
CH1
Capacitor connection pin for halver
circuit
9
9
CH2
Capacitor connection pin for halver
circuit
15
14
TEST0
I/O
Test pin
14
13
RESET_N
I
Reset input pin
11
11
XT0
I
Low-speed clock oscillation pin
13
12
XT1
O
Low-speed clock oscillation pin
76
74
P00/EXI0/
CAP0/TPRUN0
I
Input port, External interrupt,
Capture 0 input
Timer C/Timer D external trigger
input
77
75
P01/EXI1/
CAP1/TPRUN1
I
Input port, External interrupt,
Capture 1 input
Timer C/Timer D external trigger
input
78
76
P02/EXI2/
RXD0/TPRUN2
I
Input port, External interrupt,
UART0 received data
Timer C/TimerD external trigger
input
79
77
P03/EXI3/
TPRUN3
I
Input port, External interrupt
Timer C/Timer D external trigger
input
73
71
P20/LED0
O
Output port
LSCLK
O
Low-speed clock output
74
72
P21/LED1
O
Output port
OUTCLK
O
High-speed clock output
20
19
P35
I/O
Input/output port
RCM
O
RC type ADC oscillation monitor
71
69
P42
I/O
Input/output port
RXD0
I
UART data input
72
70
P43
I/O
Input/output port
TXD0
O
UART data output
16
15
P44/T02CK/
TCDRUN
I/O
Input/output port,
Timer 0/Timer 2 external clock
input
Timer C/Timer D external trigger
input
IN1
I
RC type ADC1 oscillation input pin
17
16
P45/T13CK/
TCDRUN
I/O
Input/output port,
Timer 1/Timer 3 external clock
input
Timer C/Timer D external trigger
input
CS1
O
RC type ADC1 reference capacitor
connection pin
18
17
P46/TCCK
I/O
Input/output port
Timer C/Timer D external clock
input
RS1
O
RC type ADC1 reference resistor
connection pin
19
18
P47/TDCK
I/O
Input/output port
Timer C/TimerD external clock
input
RT1
O
RC type ADC1 measurement
resistor sensor connection pin
70
68
P50/EXI8
I/O
Input/output port, External interrupt
69
67
P51/EXI8
I/O
Input/output port, External interrupt


Similar Part No. - FEDL610Q479-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL610Q409-01 LAPIS-FEDL610Q409-01 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q409-02 LAPIS-FEDL610Q409-02 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q409-03 LAPIS-FEDL610Q409-03 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q409-04 LAPIS-FEDL610Q409-04 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q409-05 LAPIS-FEDL610Q409-05 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - FEDL610Q479-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com