Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL610Q461-01 Datasheet(PDF) 9 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL610Q461-01
Description  8-bit Microcontroller with a Built-in LCD driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL610Q461-01 Datasheet(HTML) 9 Page - LAPIS Semiconductor Co., Ltd.

Back Button FEDL610Q461-01 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDL610Q461-01 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL610Q461-01 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL610Q461-01 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL610Q461-01 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. FEDL610Q461-01 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. FEDL610Q461-01 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. FEDL610Q461-01 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. FEDL610Q461-01 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
FEDL610Q461-03
ML610Q461/ML610Q462/ML610Q463
9/29
PIN
No.
Primary function
Secondary function or Tertiary function
Pin name
I/O
Function
Secondary
/Tertiary
Pin name
I/O
Function
1
P40
I/O
Input/output port
Secondary
Tertiary
SIN0
I
SSIO0 data input
2
P41
I/O
Input/output port
Secondary
Tertiary
SCK0
I/O
SSIO0 synchronous clock
input/output
3
P42
I/O
Input/output port
Secondary
RXD0
I
UART data input
Tertiary
SOUT0
O
SSIO0 data output
4
P43
I/O
Input/output port
Secondary
TXD0
O
UART data output
Tertiary
PWM0
O
PWM0 output
5
P44/
T02P0CK
I/O
Input/output port,
Timer 0/Timer 2/PWM0 external
clock input
Secondary
IN1
I
RC type ADC1 oscillation input
pin
Tertiary
SIN0
I
SSIO0 data input
6
P45/T13CK
I/O
Input/output port,
Timer 1/Timer 3 external clock
input
Secondary
CS1
O
RC type ADC1 reference
capacitor connection pin
Tertiary
SCK0
I/O
SSIO0 synchronous clock
input/output
7
P46
I/O
Input/output port
Secondary
RS1
O
RC type ADC1 reference
resistor connection pin
Tertiary
SOUT0
O
SSIO0 data output
8
P47
I/O
Input/output port
Secondary
RT1
O
RC type ADC1 measurement
resistor sensor connection pin


Similar Part No. - FEDL610Q461-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL610Q409-01 LAPIS-FEDL610Q409-01 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q409-02 LAPIS-FEDL610Q409-02 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q409-03 LAPIS-FEDL610Q409-03 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q409-04 LAPIS-FEDL610Q409-04 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q409-05 LAPIS-FEDL610Q409-05 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - FEDL610Q461-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com