Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SN54ALS244B Datasheet(PDF) 5 Page - Texas Instruments

Part No. SN54ALS244B
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

   
 5 page
background image
SN54AS244, SN74AS244
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SDAS142 – D2661, DECEMBER 1982 – REVISED JULY 1987
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
5
switching characteristics (see Note 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN to MAX†
UNIT
SN54AS244
SN74AS244
MIN
MAX
MIN
MAX
tPLH
A
Y
2
9
2
6.2
ns
tPHL
A
Y
2
7
2
6.2
ns
tPZH
G
Y
2
10
2
9
ns
tPZL
G
Y
2
8
2
7.5
ns
tPHZ
G
Y
2
6.5
2
6
ns
tPLZ
G
Y
2
10.5
2
9
ns
† For conditions shown MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 1: Load circuit and voltage waveforms are shown in Section 1 of the
ALS/AS Logic Data Book, 1986.




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54ALS541OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LS240OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54BCT2240OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 Texas Instruments
SN54BCT2244OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ALS244COCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54HCT240OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LS540OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54HCT244OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT2240AOCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT2241OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl