Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2134A Datasheet(PDF) 7 Page - Keysight Technologies

Part # N2134A
Description  Automated NFC Test Software
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2134A Datasheet(HTML) 7 Page - Keysight Technologies

Back Button N2134A Datasheet HTML 3Page - Keysight Technologies N2134A Datasheet HTML 4Page - Keysight Technologies N2134A Datasheet HTML 5Page - Keysight Technologies N2134A Datasheet HTML 6Page - Keysight Technologies N2134A Datasheet HTML 7Page - Keysight Technologies N2134A Datasheet HTML 8Page - Keysight Technologies N2134A Datasheet HTML 9Page - Keysight Technologies N2134A Datasheet HTML 10Page - Keysight Technologies N2134A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
07 | Keysight | DSOXT3NFC/DSOX4NFC Automated NFC Test Software, N2116A/N2134A/N2135A Programmable NFC 3-in-1 Antenna - Data Sheet
Technical Performance Characteristics
Table 2. DSOX3014T oscilloscope (receiver)
Parameter
Measurement input channel 1
Value
Input impedance
Resonant frequency (channel-1)
50-Ω
Listener sense (channel-2)
50-Ω
Poller receive (channel-4)
50-Ω
Poller Vov (channel-3)
1-MΩ, 14 pF
Max input voltage
Listener sense, Poller receive
8 Vpp
Poller Vov
40 V
Δ voltage accuracy
Listener sense, Poller receive
± 3% of full-scale at 13.56 MHz
Absolute voltage accuracy
Poller Vov
± 2% of full-scale ± 0.1 div ± 2 mV ± 1% of offset setting
Vertical resolution
All channels
8 bits (0.4%)
Frequency range
All channels
DC to 100 MHz 2
Max sample rate
All channels
5 GSa/s
Timebase accuracy
All channels
± 1.6 ppm + aging factor 3 (< ± 45 Hz at 13.56 MHz after 5 years)
Spurious (non-harmonic)
Listener sense, Poller receive
< –60 dBc typical (10 to 20 MHz)
Input return loss
Listener sense, Poller receive
> 35 dB
1. Default settings. Channel assignments can be user-modified.
2. –3 dB bandwidth specification for the 100-MHz bandwidth DSOX3014T model. Maximum frequency higher for higher bandwidth models.
3. Aging factor - 1st year: ± 0.5 ppm, 2nd year: ± 0.7 ppm, 5 years: ± 1.5 ppm, 10 years: ± 2.0 ppm.
Table 3. DSOX3014T oscilloscope (NFC triggering 1)
Trigger on:
…Arm & Trigger
– SENS_REQ
Arm on:
– ALL_REQ
– SENS_REQ
– Either (SENS_REQ or ALL_REQ
– ALL_REQ
– SDD_REQ
– Either (SENS_REQ or ALL_REQ)
– Arm & Trigger…
Trigger on:
– SDD_REQ or Time-out 2
Trigger on:
…Arm & Trigger
– SENSB_REQ
Arm on:
– ALLB_REQ
– SENSB_REQ
– Either (SENSB_REQ or ALLB_REQ)
– ALLB_REQ
– ATTRIB
– Either (SENB_REQ or ALLB_REQ)
– Arm & Trigger…
Trigger on:
– ATTRIB or Time-out 2
Trigger on:
…Arm & Trigger
– SENSF_REQ
Arm on:
– ATR_REQ
– SENSF_REQ
– Preamble
Trigger on:
– Arm & Trigger…
– ATR_REQ or Time-out 2
1. The following NFC triggering capabilities are available in the oscilloscope when licensed with the
DSOXT3NFC/DSOX4NFC option. Running the automated NFC PC-based test software is not required to
support these triggering conditions.
2. When using the “Arm & Trigger” selection, after qualifying on the “arm” condition, the scope will trigger on
the specified “trigger on” condition or the user-entered time-out setting, whichever occurs first.
3. Both NFC-F (212 kbps) and NFC-F (424 kbps) supported.


Similar Part No. - N2134A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N2133A KEYSIGHT-N2133A Datasheet
4Mb / 27P
   InfiniiVision 1000 X-Series Oscilloscopes
More results

Similar Description - N2134A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
T3111S KEYSIGHT-T3111S Datasheet
3Mb / 12P
   NFC Test Systems
T3121S KEYSIGHT-T3121S Datasheet
3Mb / 12P
   NFC Test Systems
N8839A KEYSIGHT-N8839A Datasheet
1Mb / 13P
   Compliance Test Software
N6462A KEYSIGHT-N6462A Datasheet
2Mb / 18P
   Compliance Test Software
N5972A KEYSIGHT-N5972A Datasheet
2Mb / 8P
   Interactive Functional Test Software
N5416B KEYSIGHT-N5416B Datasheet
2Mb / 14P
   USB Compliance Test Software
E6702G KEYSIGHT-E6702G Datasheet
2Mb / 8P
   Interactive Functional Test Software
logo
Agilent(Hewlett-Packard...
N5990A HP-N5990A Datasheet
1Mb / 18P
   Test Automation Software Platform
logo
Keysight Technologies
N5416A KEYSIGHT-N5416A Datasheet
2Mb / 14P
   USB Compliance Test Software
N5990A KEYSIGHT-N5990A Datasheet
4Mb / 23P
   N5990A Test Automation Software Platform
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com