Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ44400JD Datasheet(PDF) 4 Page - Austin Semiconductor

Part # SMJ44400JD
Description  1M x 4 DRAM DYNAMIC RANDOM-ACCESS MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMJ44400JD Datasheet(HTML) 4 Page - Austin Semiconductor

  SMJ44400JD Datasheet HTML 1Page - Austin Semiconductor SMJ44400JD Datasheet HTML 2Page - Austin Semiconductor SMJ44400JD Datasheet HTML 3Page - Austin Semiconductor SMJ44400JD Datasheet HTML 4Page - Austin Semiconductor SMJ44400JD Datasheet HTML 5Page - Austin Semiconductor SMJ44400JD Datasheet HTML 6Page - Austin Semiconductor SMJ44400JD Datasheet HTML 7Page - Austin Semiconductor SMJ44400JD Datasheet HTML 8Page - Austin Semiconductor SMJ44400JD Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DRAM
SMJ44400
Austin Semiconductor, Inc.
SMJ44400
Rev. 2.0 10/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
FUNCTIONAL BLOCK DIAGRAM
RAS\
CAS\
W\
OE\
A0
A1
A9
Timeing and Control
Column
Address
Buffers
Row
Address
Buffers
R
O
W
D
E
C
O
D
E
R
Column Decode
Sense Amplifiers
128K Array
128K Array
128K Array
128K Array
128K Array
128K Array
8
2
10
10
16
16
I/O
Buffers
4 of 16
Selection
Data
In
Reg.
Data
Out
Reg.
16
16
2
4
4
ABSOLUTE MAXIMUM RATINGS*
Voltage on Vcc Supply Relative to Vss...............-1V to +7.0V
Voltage Range on Any Pin Relative to Vss.........-1V to +7.0V
Short Circuit Output Current (per I/O)….......................50mA
Power Dissipation.................................................................1W
Storage Temperature Range..........................-65
°C to +150°C
Operating Temperature Range......................-55°C to +125°C
*Stresses greater than those listed under "Absolute
Maximum Ratings" may cause permanent damage to the
device. This is a stress rating only and functional opera-
tion of the device at these or any other conditions above
those indicated in the operation section of this specifica-
tion is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
** Junction temperature depends upon package type,
cycle time, loading, ambient temperature and airflow.
RECOMMENDED OPERATING CONDITIONS
SYM
DESCRIPTION
MIN
NOM
MAX
UNIT
VCC Supply Voltage
4.5
5
5.5
V
VIH High-Level Input Voltage
2.4
6.5
V
VIL Low-Level Input Voltage
1
-1
0.8
V
TA Minimum Operating Temperature
-55
°C
TC Maximum Operating Case Temperature
125
°C
1. The algebraic convention, where the more negative (less positive) limit is designated as minimum, is used for logic-voltage levels only.


Similar Part No. - SMJ44400JD

ManufacturerPart #DatasheetDescription
logo
Micross Components
SMJ44400 MICROSS-SMJ44400 Datasheet
1Mb / 21P
   3-State unlatched Output
More results

Similar Description - SMJ44400JD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM32100 MOTOROLA-MCM32100 Datasheet
532Kb / 13P
   1M x 32 Bit Dynamic Random Access Memory Module
MCM40100 MOTOROLA-MCM40100 Datasheet
545Kb / 13P
   1M x 40 Bit Dynamic Random Access Memory Module
logo
NTE Electronics
NTE21256 NTE-NTE21256 Datasheet
42Kb / 6P
   262,144-Bit Dynamic Random Access Memory (DRAM)
logo
Motorola, Inc
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK5361024BW ACCUTEK-AK5361024BW_09 Datasheet
65Kb / 2P
   Dynamic Random Access Memory
AK581024AG ACCUTEK-AK581024AG_09 Datasheet
78Kb / 2P
   Dynamic Random Access Memory
AK5816384S ACCUTEK-AK5816384S_09 Datasheet
0Kb / 2P
   Dynamic Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com