Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIW3000AIP1 Datasheet(PDF) 7 Page - RF Micro Devices

Part # SIW3000AIP1
Description  ULTIMATEBLUE RADIO PROCESSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SIW3000AIP1 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button SIW3000AIP1 Datasheet HTML 3Page - RF Micro Devices SIW3000AIP1 Datasheet HTML 4Page - RF Micro Devices SIW3000AIP1 Datasheet HTML 5Page - RF Micro Devices SIW3000AIP1 Datasheet HTML 6Page - RF Micro Devices SIW3000AIP1 Datasheet HTML 7Page - RF Micro Devices SIW3000AIP1 Datasheet HTML 8Page - RF Micro Devices SIW3000AIP1 Datasheet HTML 9Page - RF Micro Devices SIW3000AIP1 Datasheet HTML 10Page - RF Micro Devices SIW3000AIP1 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7 of 24
SiW3000
60 0049 R01Drf SiW3000 Radio Processor DS
Pin Description
The following table provides detailed listings of pin descriptions arranged by functional groupings.
Name
Pad Type
Ball
Description
Radio (Power from VCC)
RF_IN
Analog
A2
RF signal input into the receiver.
RF_OUT
Analog
A4
RF signal output from the transmitter.
VTUNE
Analog
A6
Pin for reference PLL loop filter, only used if reference frequency is not
integer multiples of 4 MHz.
CHG_PUMP
Analog
F1
Pin for RF loop filter.
XTAL_N
Analog
A7
System clock crystal negative input. If a reference clock is used, this pin
should be left unconnected.
XTAL_P/CLK
Analog
B7
System clock crystal positive input or reference clock input.
IDAC
Analog
B1
Power control to external power amplifier. This output provides a variable
current source that can be used to control the external power amp. Leave
unconnected if not used.
VREFP_CAP
Analog
C1
Decoupling capacitor for internal A/D converter voltage reference.
VREFN_CAP
Analog
C2
Decoupling capacitor for internal A/D converter voltage reference.
Low Power Oscillator and Reset (Power from VDD_P)
CLK32K_IN
Analog
K10
For crystal or external clock input (32.768 kHz).
CLK32K_OUT
Analog
L11
Drive for crystal.
RESET_N
Analog
C6
System level reset (active low).
Power Control Interface (Power from VDD_P)
PWR_REG_EN/PIO[8]
CMOS bi-directional
G1
Enable for an external voltage regulator. Programmable active high or
active low. Also used as PIO[8], which is the default mode until the appro-
priate configuration bit is set. Tie to ground if not used.
TX_RX_SWITCH
CMOS output
J9
Output signal used to indicate the current state of the radio. This could be
used as a direction control for an external power amplifier.The polarity is
programmable with the default set as:
Low = Transmit mode
High = Receive mode
Table 3. SiW3000 Radio Processor Pin List


Similar Part No. - SIW3000AIP1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SIW3500 RFMD-SIW3500 Datasheet
343Kb / 18P
   ULTIMATEBLUE
SIW3500DIF1 RFMD-SIW3500DIF1 Datasheet
343Kb / 18P
   ULTIMATEBLUE
SIW3500DIF1-T13 RFMD-SIW3500DIF1-T13 Datasheet
343Kb / 18P
   ULTIMATEBLUE
SIW3500GIG1 RFMD-SIW3500GIG1 Datasheet
343Kb / 18P
   ULTIMATEBLUE
SIW3500GIG1-T13 RFMD-SIW3500GIG1-T13 Datasheet
343Kb / 18P
   ULTIMATEBLUE
More results

Similar Description - SIW3000AIP1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SIW3500 RFMD-SIW3500 Datasheet
343Kb / 18P
   ULTIMATEBLUE
logo
CML Microcircuits
EV8380 CMLMICRO-EV8380 Datasheet
1Mb / 29P
   Family Radio Processor
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N_03 Datasheet
360Kb / 32P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N Datasheet
229Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
logo
NXP Semiconductors
SAF3560_SDS PHILIPS-SAF3560_SDS_15 Datasheet
318Kb / 24P
   Terrestrial digital radio processor
Rev. 5-8 February 2013
logo
STMicroelectronics
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
   Car radio audio processor
TDA7406 STMICROELECTRONICS-TDA7406 Datasheet
987Kb / 64P
   Car radio signal processor
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com