Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP2809B Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP2809B
Description  NOCAP 135 mW Stereo Headphone Power Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2809B Datasheet(HTML) 5 Page - ON Semiconductor

  NCP2809B Datasheet HTML 1Page - ON Semiconductor NCP2809B Datasheet HTML 2Page - ON Semiconductor NCP2809B Datasheet HTML 3Page - ON Semiconductor NCP2809B Datasheet HTML 4Page - ON Semiconductor NCP2809B Datasheet HTML 5Page - ON Semiconductor NCP2809B Datasheet HTML 6Page - ON Semiconductor NCP2809B Datasheet HTML 7Page - ON Semiconductor NCP2809B Datasheet HTML 8Page - ON Semiconductor NCP2809B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
NCP2809 Series
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS All the parameters are given in the capless configuration (typical application).
The following parameters are given for the NCP2809A and NCP2809B mounted externally with 0 dB gain, unless otherwise noted.
(For typical values TA = 25°C, for min and max values TA = −40°C to 85°C, TJmax = 125°C, unless otherwise noted.)
Characteristic
Symbol
Conditions
Min
(Note 4)
Typ
Max
(Note 4)
Unit
Supply Quiescent Current
IDD
Vin = 0 V, RL = 16 W
Vp = 2.4 V
Vp = 5.0 V
1.54
1.84
2.8
3.6
mA
Output Offset Voltage
Voff
Vp = 2.4 V
Vp = 5.0 V
−25
1.0
+25
mV
Shutdown Current
ISD
Vp = 5.0 V
10
600
nA
Shutdown Voltage High (Note 5)
VSDIH
1.2
V
Shutdown Voltage Low
VSDIL
0.4
V
Turning On Time (Note 6)
TWU
Cby = 1.0 mF
285
ms
Turning Off Time (Note 6)
TSD
Cby = 1.0 mF and Vp = 5.0 V
385
ms
Max Output Swing
Vloadpeak
Vp = 2.4 V, RL = 16 W
Vp = 5.0 V, RL = 16 W
Vp = 2.4 V, RL = 32 W
Vp = 5.0 V, RL = 32 W
0.82
1.94
0.9
2.05
1.04
2.26
V
Max Rms Output Power
POrms
Vp = 2.4 V, RL = 16 W, THD+N<0.1%
Vp = 5.0 V, RL = 16 W, THD+N<0.1%
Vp = 2.4 V, RL = 32 W, THD+N<0.1%
Vp = 5.0 V, RL = 32 W, THD+N<0.1%
24
131
17
80
mW
Voltage Gain
G
NCP2809A only
−0.5
0
+0.5
dB
Crosstalk
CS
f = 1.0 kHz
Vp = 2.4 V, RL = 16 W, Pout = 20 mW
Vp = 2.4 V, RL = 32 W, Pout = 10 mW
Vp = 3.0 V, RL = 16 W, Pout = 30 mW
Vp = 3.0 V, RL = 32 W, Pout = 20 mW
Vp = 5.0 V, RL = 16 W, Pout = 75 mW
Vp = 5.0 V, RL = 32 W, Pout = 50 mW
−63.5
−72.5
−64
−73
−64
−73
dB
Signal to Noise Ratio
SNR
f = 1.0 kHz
Vp = 2.4 V, RL = 16 W, Pout = 20 mW
Vp = 2.4 V, RL = 32 W, Pout = 10 mW
Vp = 3.0 V, RL = 16 W, Pout = 30 mW
Vp = 3.0 V, RL = 32 W, Pout = 20 mW
Vp = 5.0 V, RL = 16 W, Pout = 75 mW
Vp = 5.0 V, RL = 32 W, Pout = 50 mW
88.3
89
90.5
92
95.1
96.1
dB
4. Min/Max limits are guaranteed by production test.
5. At TA = −40°C, the minimum value is set to 1.5 V.
6. See page 10 for a theoretical approach to these parameters.


Similar Part No. - NCP2809B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2809BDMR2 ONSEMI-NCP2809BDMR2 Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
NCP2809BDMR2G ONSEMI-NCP2809BDMR2G Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
More results

Similar Description - NCP2809B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
NCP2811 ONSEMI-NCP2811 Datasheet
216Kb / 14P
   NOCAP Advanced Stereo Headphone Amplifier
October, 2009 ??Rev. 2
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
TPA6100A2D TI-TPA6100A2D_06 Datasheet
256Kb / 11P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6138A2 TI1-TPA6138A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com