Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIW1711DIF-T13 Datasheet(PDF) 7 Page - RF Micro Devices

Part # SIW1711DIF-T13
Description  BLUETOOTH RADIO MODEM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SIW1711DIF-T13 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button SIW1711DIF-T13 Datasheet HTML 2Page - RF Micro Devices SIW1711DIF-T13 Datasheet HTML 3Page - RF Micro Devices SIW1711DIF-T13 Datasheet HTML 4Page - RF Micro Devices SIW1711DIF-T13 Datasheet HTML 5Page - RF Micro Devices SIW1711DIF-T13 Datasheet HTML 6Page - RF Micro Devices SIW1711DIF-T13 Datasheet HTML 7Page - RF Micro Devices SIW1711DIF-T13 Datasheet HTML 8Page - RF Micro Devices SIW1711DIF-T13 Datasheet HTML 9Page - RF Micro Devices SIW1711DIF-T13 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7 of 12
SiW1711
60 0047 R00Grf SiW1711 Radio Modem IC DS
External Reference Requirements
It is possible to provide a number of reference frequencies that are typical on most cellular phones directly into pin 25
(XTAL_P/CLK) of the device. The following reference frequencies (in MHz) can be used: 3.84, 9.6, 12, 12.8, 13, 14.4,
15.36, 16, 16.8, 19.2, 19.68, 19.8, 26, 32, 38.4, and 48 MHz. For other frequencies, please contact applications support.
Crystal Requirements
If using a crystal as the source for the reference frequency, the typical parameters are outlined below. The system clock
crystal should operate in a fundamental, parallel resonant mode.
Parameter
Description
Min
Max
Unit
Phase noise
100 kHz offset
-100
dBc/Hz
1 kHz offset
-120
dBc/Hz
10 kHz offset
-140
dBc/Hz
Drive level
AC coupled amplitude
0.5
VCC
VP-P
DC coupled low peak voltage
0
0.3
V
DC coupled high peak voltage
VCC - 0.3
VCC
V
Parameter
Description
Min
Typ
Max
Units
Drive level
0.5
2.0
VP-P
ESR
Effective serial resistance1
150
CO
Holder capacitance2
–3.0
5.0
pF
CL
Load capacitance2
12.0
18.0
pF
CM
Motional capacitance
6.0
fF
1For 32MHz crystal.
2The actual values for CO and CL are dependent on the crystal manufacturer and can be compensated for by an internal crystal calibra-
tion capability.


Similar Part No. - SIW1711DIF-T13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SIW1721B RFMD-SIW1721B Datasheet
432Kb / 12P
   BLUETOOTH짰 RADIO MODEM
SIW1721BFIG RFMD-SIW1721BFIG Datasheet
432Kb / 12P
   BLUETOOTH짰 RADIO MODEM
SIW1721BFIG-T13 RFMD-SIW1721BFIG-T13 Datasheet
432Kb / 12P
   BLUETOOTH짰 RADIO MODEM
SIW1721BFIG-TR13 RFMD-SIW1721BFIG-TR13 Datasheet
432Kb / 12P
   BLUETOOTH짰 RADIO MODEM
SIW1721BFIGSB RFMD-SIW1721BFIGSB Datasheet
432Kb / 12P
   BLUETOOTH짰 RADIO MODEM
More results

Similar Description - SIW1711DIF-T13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX5252 TI-LMX5252_15 Datasheet
1Mb / 41P
[Old version datasheet]   Bluetooth??Radio
logo
rfsolutions.ltd
232C-868FR1 RFSOLUTIONS-232C-868FR1 Datasheet
227Kb / 12P
   RS232 RADIO MODEM
logo
RF Micro Devices
SIW1721B RFMD-SIW1721B Datasheet
432Kb / 12P
   BLUETOOTH짰 RADIO MODEM
logo
rfsolutions.ltd
ZULU-M868 RFSOLUTIONS-ZULU-M868 Datasheet
3Mb / 16P
   Radio MODEM Module
DS-ZULUM RFSOLUTIONS-DS-ZULUM Datasheet
3Mb / 12P
   Radio MODEM Module
logo
SHENZHEN KYL COMMUNICAT...
KYL-668H KYL-KYL-668H Datasheet
1Mb / 4P
   25W Radio Modem
logo
rfsolutions.ltd
X8200 RFSOLUTIONS-X8200 Datasheet
518Kb / 19P
   Synthesised Radio Modem
logo
Freescale Semiconductor...
MC72000 FREESCALE-MC72000 Datasheet
1Mb / 156P
   Integrated Bluetooth Radio
logo
Infineon Technologies A...
PBA31302 INFINEON-PBA31302 Datasheet
27Kb / 2P
   Bluetooth Radio Transceiver
2002
logo
NXP Semiconductors
BGB110 PHILIPS-BGB110 Datasheet
141Kb / 17P
   Bluetooth radio module
2000 Oct 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com