Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9912DY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI9912DY
Description  Half-Bridge MOSFET Driver for Switching Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9912DY Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9912DY Datasheet HTML 1Page - Vishay Siliconix SI9912DY Datasheet HTML 2Page - Vishay Siliconix SI9912DY Datasheet HTML 3Page - Vishay Siliconix SI9912DY Datasheet HTML 4Page - Vishay Siliconix SI9912DY Datasheet HTML 5Page - Vishay Siliconix SI9912DY Datasheet HTML 6Page - Vishay Siliconix SI9912DY Datasheet HTML 7Page - Vishay Siliconix SI9912DY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Si9912
Vishay Siliconix
Document Number: 71311
S-40134—Rev. B, 16-Feb-04
www.vishay.com
3
SPECIFICATIONS
Test Conditions Unless Specified
Limits
Parameter
Symbol
VDD = 4.5 to 5.5 V
VBOOT = 4.5 to 30 V, TA = −40 to 85_C
Mina
Typb
Maxa
Unit
Bootstrap Diode
Diode Forward Voltage
VFD1
Forward Current = 100 mA
0.8
1
V
Output Drive Current
OUTH Source Current
IOUT(H+)
VBOOT − VS = 3.7 V, VOUTH − VS = 2 V
−0.4
OUTH Sink Current
IOUT(H−)
VBOOT − VS = 3.7 V, VOUTH − VS = 1 V
0.4
A
OUTL Source Current
IOUT(L+)
VDD = 4.5 V, VOUTL = 2 V
−0.4
A
OUTL Sink Current
IOUT(L−)
VDD = 4.5 V, VOUTL = 1 V
0.6
Timing (CLOAD = 3 nF)
OUTL Off Propagation Delay
tpdl(OUTL)
VDD = 4 5 V
30
OUTL On Propagation Delay
tpdh(OUTL)
VDD = 4.5 V
20
OUTH Off Propagation Delay
tpdl(OUTH)
VBOOT VS = 4 5 V
30
OUTH On Propagation Delay
tpdh(OUTH)
VBOOT − VS = 4.5 V
20
ns
OUTL Turn On Time
tr(OUTL)
OUTL = 10 to 90%
25
ns
OUTL Turn Off Time
tf(OUTL)
OUTL = 90 to 10%
25
OUTH Turn On Time
tr(OUTH)
OUTH − VS = 10 to 90%
30
OUTH Turn Off Time
tf(OUTH)
OUTH − VS = 90 to 10%
20
Notes
a.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
b.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
TIMING WAVEFORMS
OUTH
10%
10%
90%
90%
VS
OUTL
IN
50%
50%
tpdh(OUTL)
tf(OUTL)
tpdh(OUTH)
90%
10%
tr(OUTH)
tpdl(OUTH)
tf(OUTH)
tpdl(OUTL)
tr(OUTL)
10%
90%


Similar Part No. - SI9912DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9912 VISHAY-SI9912 Datasheet
166Kb / 10P
   Half-Bridge MOSFET Driver for Switching Power Supplies
01-Jan-2022
SI9912 VISHAY-SI9912_V01 Datasheet
166Kb / 10P
   Half-Bridge MOSFET Driver for Switching Power Supplies
01-Jan-2022
More results

Similar Description - SI9912DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9913 VISHAY-SI9913_04 Datasheet
106Kb / 9P
   Half-Bridge MOSFET Driver for Switching Power Supplies
Rev. B, 16-Feb-04
SI9912 VISHAY-SI9912_V01 Datasheet
166Kb / 10P
   Half-Bridge MOSFET Driver for Switching Power Supplies
01-Jan-2022
logo
Toshiba Semiconductor
TPD7211F TOSHIBA-TPD7211F Datasheet
253Kb / 13P
   Power MOSFET Gate Driver for half-bridge
TPD7211F TOSHIBA-TPD7211F_13 Datasheet
254Kb / 13P
   Power MOSFET Gate Driver for half-bridge
logo
Micrel Semiconductor
MIC5022 MICREL-MIC5022_05 Datasheet
198Kb / 10P
   Half-Bridge MOSFET Driver
MIC5022 MICREL-MIC5022 Datasheet
130Kb / 9P
   Half-Bridge MOSFET Driver
logo
Linear Dimensions Semic...
LT1158ISW LINEAR_DIMENSIONS-LT1158ISW Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158_15 Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Dimensions Semic...
LT1158CSW LINEAR_DIMENSIONS-LT1158CSW Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158 Datasheet
426Kb / 20P
   Half Bridge N-Channel Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com