Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N052-048-1U Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N052-048-1U
Description  48-Port 1U Rack-Mount High-Density UTP 110-Type Patch Panel, RJ45 Ethernet, 568B, Cat5/5e
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N052-048-1U Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N052-048-1U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N052-048-1U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
48-Port 1U Rack-Mount High-Density UTP 110-Type
Patch Panel, RJ45 Ethernet, 568B, Cat5/5e
MODEL NUMBER: N052-048-1U
Description
The N052-048-1U 48-Port 1U Rack-Mount High-Density 110-Type Patch Panel frees up valuable real estate by condensing 48 ports into just 1U of space in
your EIA-standard 19-inch rack. Made from heavy-duty 14ga cold-rolled steel, this patch panel includes a built-in cable-management loom that keeps cables
efficiently organized on the back of the panel.
The N052-048-1U is specially designed for easy punchdown termination. Just remove four screws to take off the upper deck, punch down the lower cables,
replace the upper deck, and punch down the upper cables. Ports are clearly numbered to help you identify connections and color-coded for 568A/B wiring.
Includes 48 nylon cable ties. Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases. Meets ANSI/TIA-568-C.2, ISO/IEC 11801
and IEC 60603-7 standards.
Features
Condenses 48 Ports into Just 1U of Rack Space
Ports are numbered and color-coded for easy identification
Heavy-duty 14ga cold-rolled steel construction
Meets ANSI/TIA-568-C.2, ISO/IEC 11801 and IEC 60603-7 standards
Built-In Cable-Management Loom in Rear
Keeps cabling efficiently organized and reduces clutter
48 nylon cable ties included
Specially Designed for Easy Punchdown Termination
Simply remove upper level for easy access to lower level of ports
Quick, Easy Installation
Mounts easily into 1U of EIA-standard 19 in. rack
TAA-Compliant
Highlights
Heavy-duty 14ga cold-rolled steel
construction
Built-in cable-management loom
reduces clutter
Numbered ports for easy
connection identification
Color-coded for 568A/B wiring
Mounts into 1U of EIA-standard
19 in. rack
Package Includes
N052-048-1U 48-Port 1U
Rack-Mount High-Density
110-Type Patch Panel
(48) Nylon cable ties
Owner’s manual
1 / 2


Similar Part No. - N052-048-1U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N052-048 TRIPPLITE-N052-048 Datasheet
159Kb / 2P
   48-Port 2U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
More results

Similar Description - N052-048-1U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N2520481U TRIPPLITE-N2520481U Datasheet
478Kb / 2P
   48-Port 1U Rack-Mount Cat6/Cat5 High Density 110 Patch Panel, 568B, RJ45 Ethernet
N252-048-1U TRIPPLITE-N252-048-1U Datasheet
157Kb / 2P
   48-Port 1U Rack-Mount Cat6/Cat5 High Density 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N053-024-RBGY TRIPPLITE-N053-024-RBGY Datasheet
161Kb / 2P
   24-Port 1U Rack-Mount 110-Type Color-Coded Patch Panel, RJ45 Ethernet, 568B, Cat5/5e
N252012 TRIPPLITE-N252012 Datasheet
475Kb / 2P
   12-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel 568B, RJ45 Ethernet
N252024 TRIPPLITE-N252024 Datasheet
479Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet
N252048 TRIPPLITE-N252048 Datasheet
490Kb / 2P
   48-Port 2U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet
N252-024 TRIPPLITE-N252-024 Datasheet
155Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N252-012 TRIPPLITE-N252-012 Datasheet
154Kb / 2P
   12-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel 568B, RJ45 Ethernet, TAA
N252-048 TRIPPLITE-N252-048 Datasheet
159Kb / 2P
   48-Port 2U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N252024V TRIPPLITE-N252024V Datasheet
485Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 V-Shaped 110 Patch Panel 568B, RJ45 Ethernet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com