Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9100DN02-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI9100DN02-E3
Description  3-W High-Voltage Switchmode Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9100DN02-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI9100DN02-E3 Datasheet HTML 1Page - Vishay Siliconix SI9100DN02-E3 Datasheet HTML 2Page - Vishay Siliconix SI9100DN02-E3 Datasheet HTML 3Page - Vishay Siliconix SI9100DN02-E3 Datasheet HTML 4Page - Vishay Siliconix SI9100DN02-E3 Datasheet HTML 5Page - Vishay Siliconix SI9100DN02-E3 Datasheet HTML 6Page - Vishay Siliconix SI9100DN02-E3 Datasheet HTML 7Page - Vishay Siliconix SI9100DN02-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Si9100
Vishay Siliconix
Document Number: 70000
S-42041—Rev. G, 15-Nov-04
www.vishay.com
1
3-W High-Voltage Switchmode Regulator
FEATURES
D 10- to 70-V Input Range
D Current-Mode Control
D On-Chip 150-V, 5-W MOSFET Switch
D Reference Selection
Si9100 − "1%
D High Efficiency Operation (> 80%)
D Internal Start-Up Circuit
D Internal Oscillator (1 MHz)
D SHUTDOWN and RESET
DESCRIPTION
The Si9100 high-voltage switchmode regulators are
monolithic BiC/DMOS integrated circuits which contain most of
the components necessary to implement high-efficiency
dc-to-dc converters up to 3 watts. They can either be operated
from a low-voltage dc supply, or directly from a 10- to 70-V
unregulated dc power source. The Si9100 may be used with
an appropriate transformer to implement most single-ended
isolated power converter topologies (i.e., flyback and forward),
or by using a level shift circuit can generate a +5-V or a −5-V
non-isolated output from a −48-V source.
The Si9100 is available in both standard and lead (Pb)-free
14-pin plastic DIP and 20-pin PLCC packages which are
specified to operate over the industrial temperature range of
−40_C to 85_C.
FUNCTIONAL BLOCK DIAGRAM
+
+
+
+
+
FB
COMP
DISCHARGE
OSC
14 (20)
13 (18)
9 (12)
8 (11)
7 (10)
2 V
Ref
Gen
R
S
Q
R
S
Q
DRAIN
SOURCE
3 (5)
5 (8)
4 (7)
11 (16)
12 (17)
Current-Mode
Comparator
C/L
1.2 V
Undervoltage Comparator
RESET
8.8 V
9.4 V
BIAS
Current
Sources
To
Internal
Circuits
10 (14)
1 (2)
6 (9)
2 (3)
Comparator
Error
Amplifier
VREF
VCC
+VIN
VCC
SHUTDOWN
4 V (1%)
OSC
OUT
OSC
IN
Note: Figures in parenthesis represent pin numbers for 20-pin package.
−VIN
(BODY)
Clock (1/2 OSC)
Applications information, see AN702 and AN713.


Similar Part No. - SI9100DN02-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9100 VISHAY-SI9100 Datasheet
182Kb / 11P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9100 VISHAY-SI9100_V01 Datasheet
182Kb / 11P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
More results

Similar Description - SI9100DN02-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9102 VISHAY-SI9102_07 Datasheet
277Kb / 10P
   3-W High-Voltage Switchmode Regulator
Rev. H, 19-Mar-07
SI9100 VISHAY-SI9100_V01 Datasheet
182Kb / 11P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9102 VISHAY-SI9102 Datasheet
76Kb / 7P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9102 VISHAY-SI9102_V01 Datasheet
155Kb / 10P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9108 VISHAY-SI9108_04 Datasheet
213Kb / 12P
   1-W High-Voltage Switchmode Regulator
Rev. B,15-Nov-04
SI9105 VISHAY-SI9105_07 Datasheet
305Kb / 11P
   1-W High-Voltage Switchmode Regulator
Rev. I, 19-Mar-07
SI9105 VISHAY-SI9105 Datasheet
76Kb / 7P
   1-W High-Voltage Switchmode Regulator
Rev. H, 15-Nov-04
SI9108 VISHAY-SI9108 Datasheet
100Kb / 5P
   1-W High-Voltage Switchmode Regulator
Rev. A, 05-Apr-99
SI9105 VISHAY-SI9105_V01 Datasheet
201Kb / 11P
   1-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
   High-Voltage Switchmode Regulator
Rev. B, 16-Apr-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com