Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML610Q432 Datasheet(PDF) 10 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q432
Description  8-bit Microcontroller with a Built-in LCD driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q432 Datasheet(HTML) 10 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610Q432 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610Q432 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610Q432 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610Q432 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML610Q432 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML610Q432 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML610Q432 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML610Q432 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML610Q432 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
FEDL610Q431-03
ML610Q431/ML610Q432
10/37
ML610Q432 Chip Pin Layout & Dimension
SEG46
98
68
SEG16
SEG47
99
67
SEG15
VDD
100
66
C4
VPP
101
65
C3
SEG48
102
64
C2
SEG49
103
63
C1
SEG50
104
62
VL4
SEG51
105
61
VL3
SEG52
106
60
VL2
SEG53
107
59
VL1
SEG54
108
58
SEG14
SEG55
109
57
SEG13
SEG56
110
56
SEG12
SEG57
111
55
SEG11
SEG58
112
54
SEG10
SEG59
113
53
SEG9
SEG60
114
52
SEG8
SEG61
115
51
SEG7
SEG62
116
50
SEG6
SEG63
117
49
SEG5
COM0
118
48
SEG4
COM1
119
47
SEG3
COM2
120
46
SEG2
COM3
121
45
SEG1
COM4
122
44
SEG0
COM5
123
43
COM12
COM6
124
42
COM13
COM7
125
41
COM14
COM8
126
40
COM15
COM9
127
39
COM16
COM10
128
38
COM17
COM11
129
37
COM18
AVDD
130
36
COM19
VREF
131
35
COM20
AVSS
132
34
COM21
AIN0
133
33
COM22
AIN1
134
32
COM23
P03
135
31
TEST
P02
136
30
P11/OSC1
3.33mm
4.23mm
Chip size:
3.33 mm
× 4.23 mm
PAD count:
136 pins
Minimum PAD pitch:
100
µm
PAD aperture:
80
µm × 80 µm
Chip thickness:
350
µm
Voltage of the rear side of chip:
VSS level
Figure 6 ML610Q432 Chip Layout & Dimension


Similar Part No. - ML610Q432

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q432 ETC2-ML610Q432 Datasheet
637Kb / 35P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q432 ETC2-ML610Q432 Datasheet
637Kb / 35P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - ML610Q432

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com