Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL610Q411-03 Datasheet(PDF) 10 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL610Q411-03
Description  8-bit Microcontroller with a Built-in LCD driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL610Q411-03 Datasheet(HTML) 10 Page - LAPIS Semiconductor Co., Ltd.

Back Button FEDL610Q411-03 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL610Q411-03 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL610Q411-03 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL610Q411-03 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. FEDL610Q411-03 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. FEDL610Q411-03 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. FEDL610Q411-03 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. FEDL610Q411-03 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. FEDL610Q411-03 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
FEDL610Q411-04
ML610Q411/ML610Q412
10/36
ML610Q412 Chip Pin Layout & Dimension
SEG21
91
SEG22
92
SEG23
93
SEG24
94
SEG25
95
SEG26
96
47
VSS
SEG27
97
46
VDD
SEG28
98
45
VSS
SEG29
99
44
P03
SEG30
100
43
P02
SEG31
101
42
P01
SEG32
102
41
P00
SEG33
103
40
NMI
SEG34
104
39
P11
SEG35
105
38
P10
SEG43
106
37
(NC)
SEG42
107
36
AIN1
SEG41
108
35
AIN0
SEG40
109
SEG39
110
SEG38
111
SEG37
112
SEG36
113
*
2.836mm
2.636mm
* Dummy pad
Note: These dummy pads are visible and do have any function, they are placed for a mechanical evaluation
in LAPIS Semiconductor. Please do NOT implement wire-bonding to the dummy pad.
Chip size:
2.836mm x 2.636mm
PAD count:
95 pins
Minimum PAD pitch:
80
µm
PAD aperture:
70
µm × 70 µm
Chip thickness:
350
µm
Voltage of the rear side of chip:
VSS level
Figure 6 ML610Q412 Chip Layout & Dimension


Similar Part No. - FEDL610Q411-03

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL610Q419-05 LAPIS-FEDL610Q419-05 Datasheet
831Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q419-06 LAPIS-FEDL610Q419-06 Datasheet
831Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q419-07 LAPIS-FEDL610Q419-07 Datasheet
831Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q419-1 LAPIS-FEDL610Q419-1 Datasheet
831Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q419-2 LAPIS-FEDL610Q419-2 Datasheet
831Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - FEDL610Q411-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com