Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM7151 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM7151
Description  High PSRR, RF Linear Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151 Datasheet(HTML) 5 Page - Analog Devices

  ADM7151 Datasheet HTML 1Page - Analog Devices ADM7151 Datasheet HTML 2Page - Analog Devices ADM7151 Datasheet HTML 3Page - Analog Devices ADM7151 Datasheet HTML 4Page - Analog Devices ADM7151 Datasheet HTML 5Page - Analog Devices ADM7151 Datasheet HTML 6Page - Analog Devices ADM7151 Datasheet HTML 7Page - Analog Devices ADM7151 Datasheet HTML 8Page - Analog Devices ADM7151 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ADP7158
Data Sheet
Rev. A | Page 4 of 22
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
VREG UVLO THRESHOLDS7
Rising
VREGUVLORISE
1.94
V
Falling
VREGUVLOFALL
1.60
V
Hysteresis
VREGUVLOHYS
185
mV
EN INPUT PRECISION
2.3 V ≤ VIN ≤ 5.5 V
EN Input
Logic High
VEN_HIGH
1.13
1.22
1.31
V
Logic Low
VEN_LOW
1.05
1.13
1.22
V
Logic Hysteresis
VEN_HYS
90
mV
LEAKAGE CURRENT
REF_SENSE
IREF_SENSE_LKG
10
nA
EN
IEN_LKG
EN = VIN or GND
0.01
1
μA
1 Guaranteed by characterization but not production tested.
2 The ADP7158 is available in 16 standard voltages between 1.2 V and 3.3 V, including 1.2 V, 1.3 V, 1.5 V, 1.6 V, 1.8 V, 2.0 V, 2.2 V, 2.5 V, 2.6 V, 2.7 V, 2.8 V, 2.9 V, 3.0 V, 3.1 V,
3.2 V, and 3.3 V.
3 Based on an endpoint calculation using 10 mA and 2 A loads.
4 Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 3.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 3.0 V, or 2.7 V.
5 Dropout voltage is defined as the input to output voltage differential when the input voltage is set to the nominal output voltage. Dropout voltage applies only for
output voltages greater than 2.3 V.
6 Start-up time is defined as the time between the rising edge of VEN to VOUT, VREG, or VREF being at 90% of its nominal value.
7 The output voltage is disabled until the VREG UVLO rise threshold is crossed. The VREG output is disabled until the input voltage UVLO rising threshold is crossed.
INPUT AND OUTPUT CAPACITORS, RECOMMENDED SPECIFICATIONS
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
MINIMUM CAPACITANCE
TA = −40°C to +125°C
Input1
CIN
10.0
μF
Regulator
CREG
1.0
μF
Output1
COUT
10.0
μF
Bypass
CBYP
1.0
μF
Reference
CREF
1.0
μF
CAPACITOR EFFECTIVE SERIES RESISTANCE (ESR)
TA = −40°C to +125°C
COUT, CIN
RESR
0.001
0.1
Ω
CREG, CREF
RESR
0.001
0.2
Ω
CBYP
RESR
0.001
2.0
Ω
1 The minimum input and output capacitance must be greater than 7.0 μF over the full range of operating conditions. The full range of operating conditions in the
application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended;
Y5V and Z5U capacitors are not recommended for use with any low dropout regulator.


Similar Part No. - ADM7151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM7151 AD-ADM7151 Datasheet
840Kb / 23P
   High PSRR, RF Linear Regulator
ADM7151 AD-ADM7151 Datasheet
1Mb / 24P
   High PSRR, RF Linear Regulator
ADM7151 AD-ADM7151 Datasheet
1Mb / 24P
   800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
ADM7151 AD-ADM7151 Datasheet
3Mb / 45P
   Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
ADM7151ACP AD-ADM7151ACP Datasheet
739Kb / 24P
   600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
More results

Similar Description - ADM7151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7156 AD-ADP7156 Datasheet
840Kb / 23P
   High PSRR, RF Linear Regulator
ADP7157 AD-ADP7157 Datasheet
1Mb / 24P
   High PSRR, RF Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM5633B HMSEMI-HM5633B Datasheet
2Mb / 10P
   High PSRR linear regulator
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A_16 Datasheet
109Kb / 10P
   High PSRR Linear Regulator
December, 2014 ??Rev. 2
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
Analog Devices
ADM7155 AD-ADM7155 Datasheet
739Kb / 24P
   600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
ADM7154 AD-ADM7154 Datasheet
782Kb / 23P
   600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
   300mA High PSRR, Linear Regulator
VER 1.1
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
   300mA High PSRR, Linear Regulator
VER 1.3
logo
Analog Devices
ADM7150 AD-ADM7150 Datasheet
801Kb / 24P
   800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com