Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB857 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BB857
Description  Silicon Tuning Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BB857 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BB857 Datasheet HTML 1Page - Infineon Technologies AG BB857 Datasheet HTML 2Page - Infineon Technologies AG BB857 Datasheet HTML 3Page - Infineon Technologies AG BB857 Datasheet HTML 4Page - Infineon Technologies AG BB857 Datasheet HTML 5Page - Infineon Technologies AG BB857 Datasheet HTML 6Page - Infineon Technologies AG BB857 Datasheet HTML 7Page - Infineon Technologies AG BB857 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2014-03-31
1
BB837/BB857...
Silicon Tuning Diode
• For SAT tuners
• High capacitance ratio
• Low series resistance
• Excellent uniformity and matching due to
"in-line" matching assembly procedure
• Pb-free (RoHS compliant) package
BB837
BB857
BB857-02V

Type
Package
Configuration
Marking
BB837
BB857*
BB857-02V
SOD323
SCD80
SC79
single
single
single
white M
OO
P
* Not for new design
Maximum Ratings
at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
30
V
Peak reverse voltage
R
≥ 5kΩ
VRM
35
Forward current
IF
20
mA
Operating temperature range
Top
-55 ...150
°C
Storage temperature
TStg
-55 ...150


Similar Part No. - BB857

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BB857 SIEMENS-BB857 Datasheet
13Kb / 3P
   Silicon Tuning Diode (For SAT-indoor-units High capacitance ratio Low series inductance)
logo
Infineon Technologies A...
BB857 INFINEON-BB857 Datasheet
405Kb / 3P
   Silicon Tuning Diode
Nov-07-2002
BB857 INFINEON-BB857 Datasheet
76Kb / 7P
   Silicon Tuning Diode
2007-04-20
BB857E7902 INFINEON-BB857E7902 Datasheet
858Kb / 7P
   For SAT tuners
2011-06-15
More results

Similar Description - BB857

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
   Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
   Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
   Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
   Silicon Tuning Diode
2007-04-20
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
   Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
   Silicon Tuning Diode
2007-04-20
logo
ON Semiconductor
MMVL105GT1 ONSEMI-MMVL105GT1_06 Datasheet
42Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com