Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z-SERIES Datasheet(PDF) 10 Page - Keysight Technologies

Part # Z-SERIES
Description  Infiniium Z-Series Oscilloscopes
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

Z-SERIES Datasheet(HTML) 10 Page - Keysight Technologies

Back Button Z-SERIES Datasheet HTML 6Page - Keysight Technologies Z-SERIES Datasheet HTML 7Page - Keysight Technologies Z-SERIES Datasheet HTML 8Page - Keysight Technologies Z-SERIES Datasheet HTML 9Page - Keysight Technologies Z-SERIES Datasheet HTML 10Page - Keysight Technologies Z-SERIES Datasheet HTML 11Page - Keysight Technologies Z-SERIES Datasheet HTML 12Page - Keysight Technologies Z-SERIES Datasheet HTML 13Page - Keysight Technologies Z-SERIES Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
10 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
63 GHz of true analog bandwidth and
160 GSa/s on two channels.
See your signal more clearly with a large
15.4-inch capacitive touch-screen display.
16 GB RAM standard, quad core I5
processor and hardware acceleration
enable fast processing.
Remote access through Ethernet
10/100/1000BASE-T LAN interface with
Web-enabled connectivity uses ultra-
responsive UltraVNC.
USB and LAN provide remote
measurements. Infiniium application
remote program interface (now a standard
feature) allows application/compliance
software automation.
Calibration edge with a rise time
of less than 15 ps enables TDT
calibration with PrecisionProbe. Use
the Infiniium calibration source as part
of PrecisionProbe Advanced to extend
calibration to an unmatched 63 GHz.
Threaded RF connectors ensure the most reliable signal integrity for high-performance instruments. The
AutoProbe II interface combines the tried-and-true 3.5-mm threaded RF connector of Keysight sampling
oscilloscopes with a convenient automatic torque mechanism that ensures a consistent 8 in. lbs. connection
without the hassles of a torque wrench.
Achieve New Extremes
Introducing Infiniium Z-Series oscilloscopes


Similar Part No. - Z-SERIES

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
Z-SERIES MTRONPTI-Z-SERIES Datasheet
219Kb / 2P
   Surface Mount Bandpass Filter
logo
Keysight Technologies
Z-SERIES KEYSIGHT-Z-SERIES Datasheet
4Mb / 44P
   Infiniium Z-Series Oscilloscopes
Z-SERIES KEYSIGHT-Z-SERIES_17 Datasheet
4Mb / 44P
   Infiniium Z-Series Oscilloscopes
More results

Similar Description - Z-SERIES

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ594A KEYSIGHT-DSAZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ334A KEYSIGHT-DSOZ334A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ504A KEYSIGHT-DSAZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ592A KEYSIGHT-DSAZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ592A KEYSIGHT-DSOZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ504A KEYSIGHT-DSOZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ634A KEYSIGHT-DSOZ634A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com