Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4500BDY-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4500BDY-T1
Description  Complementary MOSFET Half-Bridge (N- and P-Channel)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4500BDY-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4500BDY-T1 Datasheet HTML 1Page - Vishay Siliconix SI4500BDY-T1 Datasheet HTML 2Page - Vishay Siliconix SI4500BDY-T1 Datasheet HTML 3Page - Vishay Siliconix SI4500BDY-T1 Datasheet HTML 4Page - Vishay Siliconix SI4500BDY-T1 Datasheet HTML 5Page - Vishay Siliconix SI4500BDY-T1 Datasheet HTML 6Page - Vishay Siliconix SI4500BDY-T1 Datasheet HTML 7Page - Vishay Siliconix SI4500BDY-T1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Si4500BDY
Vishay Siliconix
www.vishay.com
2
Document Number: 72281
S-41428—Rev. B, 26-Jul-04
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typa
Max
Unit
Static
Gate Threshold Voltage
VGS( h)
VDS = VGS, ID = 250 mA
N-Ch
0.6
1.5
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
P-Ch
−0.6
−1.5
V
Gate Body Leakage
IGSS
VDS = 0 V VGS = "12 V
N-Ch
"100
nA
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
P-Ch
"100
nA
VDS = 20 V, VGS = 0 V
N-Ch
1
Zero Gate Voltage Drain Current
IDSS
VDS = −16 V, VGS = 0 V
P-Ch
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V, TJ = 55_C
N-Ch
5
mA
VDS = −16 V, VGS = 0 V, TJ = 55_C
P-Ch
−5
On State Drain Currentb
ID( )
VDS = 5 V, VGS = 4.5 V
N-Ch
30
A
On-State Drain Currentb
ID(on)
VDS = −5 V, VGS = −4.5 V
P-Ch
−20
A
VGS = 4.5 V, ID = 9.1 A
N-Ch
0.016
0.020
Drain Source On State Resistanceb
rDS( )
VGS = −4.5 V, ID = −5.3 A
P-Ch
0.048
0.060
W
Drain-Source On-State Resistanceb
rDS(on)
VGS = 2.5 V, ID = 3.3 A
N-Ch
0.024
0.030
W
VGS = −2.5 V, ID = −1 A
P-Ch
0.082
0.100
Forward Transconductanceb
gf
VDS = 15 V, ID = 9.1 A
N-Ch
29
S
Forward Transconductanceb
gfs
VDS = −15 V, ID = −5.3 A
P-Ch
11
S
Diode Forward Voltageb
VSD
IS = 2.1 A, VGS = 0 V
N-Ch
0.8
1.2
V
Diode Forward Voltageb
VSD
IS = −2.1 A, VGS = 0 V
P-Ch
−0.8
−1.2
V
Dynamica
Total Gate Charge
Q
N-Ch
11
17
Total Gate Charge
Qg
N-Channel
P-Ch
6.0
9
Gate Source Charge
Q
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 9.1 A
N-Ch
2.5
nC
Gate-Source Charge
Qgs
P-Channel
V
10 V V
45 V I
53 A
P-Ch
1.3
nC
Gate Drain Charge
Q d
VDS = −10 V, VGS = −4.5 V, ID = −5.3 A
N-Ch
3.2
Gate-Drain Charge
Qgd
P-Ch
1.6
Turn On Delay Time
td( )
N-Ch
35
50
Turn-On Delay Time
td(on)
NCh
l
P-Ch
20
30
Rise Time
t
N-Channel
VDD = 10 V, RL = 10 W
N-Ch
50
80
Rise Time
tr
VDD = 10 V, RL = 10 W
ID ^ 1 A, VGEN = 10 V, Rg = 6 W
P-Ch
35
60
Turn Off Delay Time
td( ff)
P-Channel
V
10 V R
10 W
N-Ch
31
50
ns
Turn-Off Delay Time
td(off)
VDD = −10 V, RL = 10 W
ID ^ −1 A, VGEN = −4.5 V, Rg = 6 W
P-Ch
55
85
ns
Fall Time
tf
ID ^ −1 A, VGEN = −4.5 V, Rg = 6 W
N-Ch
15
30
Fall Time
tf
P-Ch
35
60
Source Drain Reverse Recovery Time
t
IF = 2.1 A, di/dt = 100 A/ms
N-Ch
30
60
Source-Drain Reverse Recovery Time
trr
IF = −2.1 A, di/dt = 100 A/ms
P-Ch
25
50
Notes
a.
Guaranteed by design, not subject to production testing.
b.
Pulse test; pulse width v 300 ms, duty cycle v 2%.


Similar Part No. - SI4500BDY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4500BDY-T1-E3 VISHAY-SI4500BDY-T1-E3 Datasheet
278Kb / 12P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. D, 27-Apr-09
logo
VBsemi Electronics Co.,...
SI4500BDY-T1-E3 VBSEMI-SI4500BDY-T1-E3 Datasheet
985Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4500BDY-T1-GE3 VISHAY-SI4500BDY-T1-GE3 Datasheet
278Kb / 12P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. D, 27-Apr-09
More results

Similar Description - SI4500BDY-T1

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI4500BDY KEXIN-KI4500BDY Datasheet
57Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
KI4501DY KEXIN-KI4501DY Datasheet
58Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY Datasheet
65Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
14-Jun-04
SI3850ADV VISHAY-SI3850ADV_08 Datasheet
128Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 27-Mar-06
SI3850ADV VISHAY-SI3850ADV_09 Datasheet
214Kb / 13P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 12-Oct-09
SI4500BDY VISHAY-SI4500BDY_06 Datasheet
124Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. C, 12-Jun-06
SI4500DY VISHAY-SI4500DY Datasheet
106Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 26-Apr-99
SI3850ADV VISHAY-SI3850ADV_V01 Datasheet
120Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
01-Jan-2022
SI4500BDY VISHAY-SI4500BDY_09 Datasheet
278Kb / 12P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. D, 27-Apr-09
SI4501DY VISHAY-SI4501DY Datasheet
58Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 19-Jul-99
logo
Guangdong Kexin Industr...
KI4501ADY KEXIN-KI4501ADY Datasheet
57Kb / 2P
   Complementary (N- and P-Channel) MOSFET Half-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com