Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRFIC1870 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRFIC1870
Description  3.2 V DCS/PCS GaAs Integrated Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC1870 Datasheet(HTML) 4 Page - Motorola, Inc

  MRFIC1870 Datasheet HTML 1Page - Motorola, Inc MRFIC1870 Datasheet HTML 2Page - Motorola, Inc MRFIC1870 Datasheet HTML 3Page - Motorola, Inc MRFIC1870 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MRFIC1870PP/D
HOW TO REACH US:
USA/EUROPE/LOCATIONS NOT LISTED:
Motorola Literature Distribution;
P.O. Box 5405, Denver, Colorado 80217
1-303-675-2140 or 1-800-441-2447
JAPAN:
Motorola Japan Ltd.; SPS, Technical Information Center,
3-20-1, Minami-Azabu Minato-ku, Tokyo 106-8573 Japan
81-3-3440-3569
ASIA/PACIFIC:
Motorola Semiconductors H.K. Ltd.; Silicon Harbour
Centre, 2 Dai King Street, Tai Po Industrial Estate,
Tai Po, N.T., Hong Kong
852-26668334
TECHNICAL INFORMATION CENTER:
1-800-521-6274
HOME PAGE:
http://www.motorola.com/semiconductors
Information in this document is provided solely to enable system and software implementers to
use Motorola products. There are no express or implied copyright licenses granted hereunder to
design or fabricate any integrated circuits or integrated circuits based on the information in this
document.
Motorola reserves the right to make changes without further notice to any products herein.
Motorola makes no warranty, representation or guarantee regarding the suitability of its products
for any particular purpose, nor does Motorola assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without
limitation consequential or incidental damages. “Typical” parameters which may be provided in
Motorola data sheets and/or specifications can and do vary in different applications and actual
performance may vary over time. All operating parameters, including “Typicals” must be validated
for each customer application by customer’s technical experts. Motorola does not convey any
license under its patent rights nor the rights of others. Motorola products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the
body, or other applications intended to support or sustain life, or for any other application in which
the failure of the Motorola product could create a situation where personal injury or death may
occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized
application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries,
affiliates, and distributors harmless against all claims, costs, damages, and expenses, and
reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola
was negligent regarding the design or manufacture of the part.
Motorola and the Stylized M Logo are registered in the U.S. Patent and Trademark Office. All
other product or service names are the property of their respective owners. Motorola, Inc. is an
Equal Opportunity/Affirmative Action Employer.
© Motorola, Inc. 2003
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRFIC1870

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1801 MOTOROLA-MRFIC1801 Datasheet
68Kb / 4P
   1.8 GHz TRANSMIT/RECEIVE ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1803 MOTOROLA-MRFIC1803 Datasheet
119Kb / 6P
   1.8 GHz UPMIXER, EXCITER AND LO AMP GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1804 MOTOROLA-MRFIC1804 Datasheet
82Kb / 6P
   1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
   1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC1870

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
   GSM/DCS/PCS power amplifier
2000 Nov 28
CGY2021G PHILIPS-CGY2021G Datasheet
78Kb / 12P
   DCS/PCS 2 W power amplifier
1997 Apr 03
logo
ANADIGICS, Inc
AWT6108R ANADIGICS-AWT6108R Datasheet
276Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
AWT6166 ANADIGICS-AWT6166 Datasheet
246Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
AWT6166R ANADIGICS-AWT6166R Datasheet
421Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
   EGSM/DCS/PCS Triple Band Power Amplifier Module
logo
RF Micro Devices
RF2368 RFMD-RF2368 Datasheet
191Kb / 8P
   DCS/PCS 2.7V LOW NOISE AMPLIFIER
logo
ANADIGICS, Inc
AWT6123 ANADIGICS-AWT6123 Datasheet
214Kb / 10P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier
logo
Skyworks Solutions Inc.
AP119-89 SKYWORKS-AP119-89 Datasheet
35Kb / 4P
   GaAs IC DCS 1800/1900 Power Amplifier
logo
RF Micro Devices
RF3183 RFMD-RF3183 Datasheet
1Mb / 20P
   QUAD-BAND/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com