Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H15-V-1 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # H15-V-1
Description  PCB fuse holders for 5x20mm fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

H15-V-1 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  H15-V-1 Datasheet HTML 1Page - Cooper Bussmann, Inc. H15-V-1 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bussmann is now
part of Eaton
Same great
products plus
even more.
The Bussmann brand of
circuit protection products
(formerly of the
Bussmann Division of
Cooper Industries) is now
part of Eaton’s Electrical
Group, Electronics Division.
Technical Data 4426
Effective March 2015
Supersedes December 2013
Bussmann H15 Family
PCB fuse holders for 5x20mm fuses
Product description
For 5x20mm fuses
Fuse carriers are interchangeable
Vertical (-V) or horizontal (-H) mounting
Fuse carrier and knob are spring loaded bayonet
type with screwdriver slot
Solderability in accordance with IEC 68-2-20
Shock safety of PC2
High temperature thermoplastic meets:
- UL 94V0
- Glow wire test: 960°C per IEC 695-2-1
Agency information
cURs Recognition file number:
E14853 Guide IZLT2/IZLT8
VDE file 40039714
Ordering
Specify packaging prefix, part number, and
option code as shown
Packaging prefix
Part number
Option code
BK-
H15-V-1
B
Packaging prefixes
BK- (Bulk, 200 parts per box--100 parts per box
if using option code B or K)
BK1- (Bulk, 1000 parts per box)
Option code
Blank (Fuse holder body and knob set)
B- (Fuse holder body)
K- (Fuse holder knob)


Similar Part No. - H15-V-1

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
H15-V-1 EATON-H15-V-1 Datasheet
305Kb / 2P
   PCB fuse holders for 5 mm x 20 mm fuses
More results

Similar Description - H15-V-1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
58500000005 LITTELFUSE-58500000005 Datasheet
180Kb / 1P
   585 Series Cap for Fuse Holders for 5x20mm Fuses
Revised: GD. 05/20/21
logo
Eaton All Rights Reserv...
H15 EATON-H15 Datasheet
305Kb / 2P
   PCB fuse holders for 5 mm x 20 mm fuses
logo
CamdenBoss Ltd.
CFH07 CAMDENBOSS-CFH07 Datasheet
840Kb / 1P
   5x20mm PCB fuse carriers
CFH06 CAMDENBOSS-CFH06 Datasheet
840Kb / 1P
   5x20mm PCB fuse carriers
CFH02 CAMDENBOSS-CFH02 Datasheet
702Kb / 1P
   5x20mm PCB fuse carriers
logo
Cooper Bussmann, Inc.
RS20H COOPER-RS20H Datasheet
1Mb / 8P
   Finger-safe Fuse Holders for BS88 HRC Industrial Fuses
HHC COOPER-HHC Datasheet
299Kb / 2P
   Automotive in-line fuse holders for ATC짰 blade fuses
logo
Eaton All Rights Reserv...
HHC EATON-HHC Datasheet
299Kb / 2P
   Automotive in-line fuse holders for ATC짰 blade fuses
RS20H EATON-RS20H Datasheet
2Mb / 8P
   Red Spot fuse holders for BS88 HRC industrial fuses
logo
Littelfuse
245 LITTELFUSE-245 Datasheet
497Kb / 1P
   245 Series Shock-Safe Fuse Holders for 2AG Fuses
Revised: 06/21/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com