Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMCA81-3R010G-S1F-T Datasheet(PDF) 1 Page - Abracon Corporation

Part # AMCA81-3R010G-S1F-T
Description  Surface Mount WLAN Antenna (3010MHz)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMCA81-3R010G-S1F-T Datasheet(HTML) 1 Page - Abracon Corporation

  AMCA81-3R010G-S1F-T Datasheet HTML 1Page - Abracon Corporation AMCA81-3R010G-S1F-T Datasheet HTML 2Page - Abracon Corporation AMCA81-3R010G-S1F-T Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AMCA81-3R010G-S1F-T
• Wireless application - LTE Band 42, and WiMax bands.
• User Equipments (UE), e.g. dongles, modems
• User Equipments (EU) covering 3010MHz LTE TDD (Band 42)
• Alternative to larger PCB solution
FEATURES:
APPLICATIONS:
Surface Mount WLAN Antenna (3010MHz)
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 10.29.13
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb
8.0 x 1.0 x 1.0mm
• 3010MHz, Bandwidth ≥200MHz
• Suitable for RoHS compliant reflow
• Gain 2.0dBi (Peak) / 0.5dBi (Average)
• VSWR <2:1
• Small size – 8.0 x 1.0 x 1.0mm (0.315 x 0.030 x 0.039 inch)
• Non Ground Mounting type.
• Power Handling 3W Max
• Matched to 50 Ohm
STANDARD SPECIFICATIONS
RoHS / RoHS II Compliant
Moisture Sensitivity Level (MSL) – MSL = 1
PART IDENTIFICATION:
Maximum Ratings
Electrical Characteristics
Item
Spec
Frequency
3010MHz
Bandwidth
≥200MHz
Peak Gain
2.0 dBi typ.
Average Gain
0.5 dBi typ
VSWR
<2:1
Impedance
50 Ohm
Power Capability
3W max
Item
Value
Operating Temperature Range
-40ºC to + 85ºC
Storage Temperature Range
-10ºC ~ +40 and RH ºC 70% (Max.)
AMCA81-3R0100G-S1F-T
Packaging
Blank: Bulk or Cut Tape
T: T/R 1000pcs per reel
T4 : T/R 4000pcs per reel


Similar Part No. - AMCA81-3R010G-S1F-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMCA31-2R450G ABRACON-AMCA31-2R450G Datasheet
1Mb / 3P
   Surface Mount WLAN / Bluetooth Chip Antenna
10.24.13
AMCA31-2R450G-S1F-T ABRACON-AMCA31-2R450G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN / Bluetooth Chip Antenna
10.24.13
logo
EM Microelectronic - MA...
AMCA31-2R450G-S1F-T EMMICRO-AMCA31-2R450G-S1F-T Datasheet
1Mb / 67P
   5.0 LOW-ENERGY COMPANION OR SOC
logo
Abracon Corporation
AMCA31-2R800G-S1F-T ABRACON-AMCA31-2R800G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2800MHz)
10.25.13
AMCA52-2R350G-S1F-T ABRACON-AMCA52-2R350G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2350MHz)
10.25.13
More results

Similar Description - AMCA81-3R010G-S1F-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMCA52-2R710G-S1F-T ABRACON-AMCA52-2R710G-S1F-T Datasheet
2Mb / 3P
   Surface Mount WLAN Antenna (2710MHz)
10.28.13
AMCA52-2R350G-S1F-T ABRACON-AMCA52-2R350G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2350MHz)
10.25.13
AMCA31-2R800G-S1F-T ABRACON-AMCA31-2R800G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2800MHz)
10.25.13
AMCA52-2R780G-S1TF ABRACON-AMCA52-2R780G-S1TF Datasheet
2Mb / 3P
   Surface Mount WLAN Antenna (2780MHz)
10.28.13
AMCA52-2R540G-S1F-T ABRACON-AMCA52-2R540G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2540MHz)
10.28.13
AMCA62-2R640G-01F-T ABRACON-AMCA62-2R640G-01F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2640MHz)
10.28.13
AMCA72-2R470G-S1F-T ABRACON-AMCA72-2R470G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2470MHz)
10.28.13
AMCA92-2R660G-S1F-T ABRACON-AMCA92-2R660G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2660MHz)
10.29.13
AMCA72-2R860G-02F-T ABRACON-AMCA72-2R860G-02F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2860MHz)
10.29.13
AMCA52-2R780G-S1F-T ABRACON-AMCA52-2R780G-S1F-T Datasheet
2Mb / 3P
   Surface Mount WLAN Antenna (2780MHz)
10.28.13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com