Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6441UTL Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6441UTL
Description  Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6441UTL Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6441UTL Datasheet HTML 2Page - Maxim Integrated Products MAX6441UTL Datasheet HTML 3Page - Maxim Integrated Products MAX6441UTL Datasheet HTML 4Page - Maxim Integrated Products MAX6441UTL Datasheet HTML 5Page - Maxim Integrated Products MAX6441UTL Datasheet HTML 6Page - Maxim Integrated Products MAX6441UTL Datasheet HTML 7Page - Maxim Integrated Products MAX6441UTL Datasheet HTML 8Page - Maxim Integrated Products MAX6441UTL Datasheet HTML 9Page - Maxim Integrated Products MAX6441UTL Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Low-Power, Single-/Dual-Level Battery Monitors
with Hysteresis and Integrated µP Reset
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VBATT = 1.2V to 5.5V, VCC = 1.2V to 5.5V, unless otherwise specified. Typical values are at TA = +25°C.)
120
110
100
90
80
70
60
10
100
1000
MAXIMUM VBATT TRANSIENT DURATION
vs. LTH THRESHOLD OVERDRIVE
LTH THRESHOLD OVERDRIVE (mV)
LBO ASSERTS ABOVE
THIS LINE
60
55
50
45
40
35
30
25
20
10
100
1000
MAXIMUM VCC TRANSIENT DURATION
vs. VTH THRESHOLD OVERDRIVE
VTH THRESHOLD OVERDRIVE (mV)
RESET ASSERTS ABOVE
THIS LINE
NORMALIZED UPPER (HTH) AND LOWER
(LTH) TRIP VOLTAGES vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
0.975
1.000
1.025
1.050
0.950
-40
80
LOWER TRIP VOLTAGE
UPPER TRIP VOLTAGE
NORMALIZED RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
0.975
1.000
1.025
1.050
0.950
-40
80
LBO OUTPUT vs. SINK CURRENT
VCC = 3.3V, VBATT = 2.1V
ISINK (mA)
8
6
4
2
20
40
60
80
100
120
0
010
LBO ASSERTED
RESET OUTPUT vs. SINK CURRENT
VCC = 2.1V, VBATT = 3.6V
ISINK (mA)
8
6
4
2
20
40
60
80
100
120
140
0
010
RESET ASSERTED
RESET OUTPUT vs. SOURCE CURRENT
VCC = 3.3V, VBATT = 3.6V
ISOURCE (mA)
3.0
2.5
2.0
1.5
1.0
0.5
2.75
3.00
3.25
3.50
2.50
0
3.5


Similar Part No. - MAX6441UTL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6441KA___D_-T MAXIM-MAX6441KA___D_-T Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
More results

Similar Description - MAX6441UTL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6846 MAXIM-MAX6846 Datasheet
191Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
19-2947; Rev 0; 7/03
MAX6846 MAXIM-MAX6846_05 Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
logo
Shanghai Consonance Ele...
CN302 CONSONANCE-CN302 Datasheet
220Kb / 9P
   Low Power Battery Monitor with Hysteresis Control
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
logo
Maxim Integrated Produc...
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6414UK26T MAXIM-MAX6414UK26T Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com