Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD1-D Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # TD1-D
Description  NH bases
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TD1-D Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  TD1-D Datasheet HTML 1Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 2Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 3Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 4Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 5Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 6Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 7Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Technical Data 10163
Effective March 2015
Bussmann series
NH bases
EATON www.eaton.com
Catalogue symbol
1-pole DIN-Rail and screw mounting: SD(size)-D
1-pole screw mounting only: SD(size)-S
3-pole DIN-Rail and screw mounting: TD(size)-D
Technical data
Rated voltage: 690 V a.c.
Rated current: 160 to 1600 A
Rated for fuse links with breaking capacity of 120 kA
Standard/Approvals
IEC 60269-1 and 2
VDE 0636-1 and 2
Packaging
1-pole: 3
3-pole and SD4: 1
Fuse base catalogue numbers
SD00-D
TD00-D
TD00-DI
SD1-D
TD1-D
SD2-D
TD2-D
SD3-D
TD3-D
SD4-S
SD4-S1600
Base
Glass filled PBT
Contacts
Silver plated copper
Screw, nuts and washers
Zinc clear plated steel
Derating temperature factors for
maximum current
 35°C
111111
40°C
0.95
0.95
0.95
0.95
0.95
0.95
50°C
0.85
0.85
0.85
0.85
0.85
0.85
Maximum power acceptance
12W
32W
45W
60W
110W
145W
Degree of protection with covers fitted
IP20
IP20
IP20
IP20
-
-
Terminal screw
M8
M10
M10
M12
M16
M16
Maximum tightening torque terminal screw
10N•m
32N•m
32N•m
32N•m
56N•m
56N•m
Fixing
DIN-Rail

Screw

With microswitch 16A/250V
Fuse operated signal

Operating temperature range
-20 to 70°C
Storage temperature range
-40 to 80°C
Technical data


Similar Part No. - TD1-D

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TD1-2D00-030 MAGNETROL-TD1-2D00-030 Datasheet
689Kb / 32P
   Thermal Dispersion Flow/Level Switch
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
logo
Tumbler Technologies + ...
TD1-5D0505 TRUMPOWER-TD1-5D0505 Datasheet
22Kb / 1P
   DC/DC CONVERTERS 5V Input, 5-6 Watts
TD1-5D0505 TRUMPOWER-TD1-5D0505 Datasheet
22Kb / 1P
   DC/DC CONVERTERS
More results

Similar Description - TD1-D

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
C5268-1 COOPER-C5268-1 Datasheet
55Kb / 1P
   Fuse Bases (Blocks)
logo
Systemsensor advanced i...
B401BH SYSTEMSENSOR-B401BH Datasheet
106Kb / 4P
   Sounder Bases
logo
Molex Electronics Ltd.
1210120013 MOLEX-1210120013 Datasheet
116Kb / 1P
   B20 SERIES BASES
2006/04/15
1210120047 MOLEX-1210120047 Datasheet
158Kb / 2P
   B22 SERIES BASES
2006/04/15
1210120095 MOLEX-1210120095 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006.04.15
1210120009 MOLEX-1210120009 Datasheet
89Kb / 1P
   B15 SERIES BASES
2006/04/15
1210120099 MOLEX-1210120099 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006/04/15
1210130199 MOLEX-1210130199 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006/04/15
1210130233 MOLEX-1210130233 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006/04/15
1210120168 MOLEX-1210120168 Datasheet
116Kb / 1P
   B20 SERIES BASES
2006/04/15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com