Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6204A04BML Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6204A04BML
Description  (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204A04BML Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6204A04BML Datasheet HTML 7Page - Torex Semiconductor XC6204A04BML Datasheet HTML 8Page - Torex Semiconductor XC6204A04BML Datasheet HTML 9Page - Torex Semiconductor XC6204A04BML Datasheet HTML 10Page - Torex Semiconductor XC6204A04BML Datasheet HTML 11Page - Torex Semiconductor XC6204A04BML Datasheet HTML 12Page - Torex Semiconductor XC6204A04BML Datasheet HTML 13Page - Torex Semiconductor XC6204A04BML Datasheet HTML 14Page - Torex Semiconductor XC6204A04BML Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
XC6204
Series
267
3
Ta=25℃
Ta=25℃
E–0E–1E–2
-40℃
≤Topr≤85℃
-40℃
≤Topr≤85℃
Vdif1
V di f1
Vdif1
V di f1
Vdif2
V di f2
Vdif2
V di f2
MI N
M AX
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
4. 70
4. 606
4. 794
60
80
70
100
180
230
220
310
4. 75
4. 655
4. 845
60
80
70
100
180
230
220
310
4. 80
4. 704
4. 896
60
80
70
100
180
230
220
310
4. 85
4. 753
4. 947
60
80
70
100
180
230
220
310
4. 90
4. 802
4. 998
60
80
70
100
180
230
220
310
4. 95
4. 851
5. 049
60
80
70
100
180
230
220
310
5. 00
4. 900
5. 100
50
70
60
90
160
210
200
290
5. 05
4. 949
5. 151
50
70
60
90
160
210
200
290
5. 10
4. 998
5. 202
50
70
60
90
160
210
200
290
5. 15
5. 047
5. 253
50
70
60
90
160
210
200
290
5. 20
5. 096
5. 304
50
70
60
90
160
210
200
290
5. 25
5. 145
5. 355
50
70
60
90
160
210
200
290
5. 30
5. 194
5. 406
50
70
60
90
160
210
200
290
5. 35
5. 243
5. 457
50
70
60
90
160
210
200
290
5. 40
5. 292
5. 508
50
70
60
90
160
210
200
290
5. 45
5. 341
5. 559
50
70
60
90
160
210
200
290
5. 50
5. 390
5. 610
50
70
60
90
160
210
200
290
5. 55
5. 439
5. 661
50
70
60
90
160
210
200
290
5. 60
5. 488
5. 712
50
70
60
90
160
210
200
290
5. 65
5. 537
5. 763
50
70
60
90
160
210
200
290
5. 70
5. 586
5. 814
50
70
60
90
160
210
200
290
5. 75
5. 635
5. 865
50
70
60
90
160
210
200
290
5. 80
5. 684
5. 916
50
70
60
90
160
210
200
290
5. 85
5. 733
5. 967
50
70
60
90
160
210
200
290
5. 90
5. 782
6. 018
50
70
60
90
160
210
200
290
5. 95
5. 831
6. 069
50
70
60
90
160
210
200
290
6. 00
5. 880
6. 120
50
70
60
90
160
210
200
290
VOUT
VOUT(T)
Dropout Voltage 3
SYMBOL
Dropout Voltage1(mV)
(IOUT=30mA)
Dropout Voltage2(mV)
(IOUT=100mA)
PARAMETER
OUTPUT
VOLTAGE
Output Voltage
(V)
VOUT
VIN
VSS
CE
1
µF
CL
0.1
µF
CIN
■Typical Application Circuit
03S_04XC6204 02.9.12 2:57 PM ページ 267


Similar Part No. - XC6204A04BML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204A092DL TOREX-XC6204A092DL Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204A092DR TOREX-XC6204A092DR Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204A092ML TOREX-XC6204A092ML Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204A092MR TOREX-XC6204A092MR Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204A092PL TOREX-XC6204A092PL Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
More results

Similar Description - XC6204A04BML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com