Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACA-102-T Datasheet(PDF) 3 Page - Abracon Corporation

Part # ACA-102-T
Description  WiFi / Bluetooth Chip Antenna 2400 ~ 2485 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACA-102-T Datasheet(HTML) 3 Page - Abracon Corporation

  ACA-102-T Datasheet HTML 1Page - Abracon Corporation ACA-102-T Datasheet HTML 2Page - Abracon Corporation ACA-102-T Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ACA-102-T
WiFi / Bluetooth Chip Antenna 2400 ~ 2485 MHz
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 10.03.13
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
2.0 x 1.2 x 1.0mm
TAPE & REEL:
Packaging: 1,000 Units Per Reel
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
Reel Dimensions:
(Dimensions: mm)
Size
12mm Reel
A
330mm (+0.2 / -2.0mm)
N
100mm (+3.0 / - 0.0mm)
B
1.5mm min
W1
12.4mm (+3.0 / -0.0mm)
C
13.0mm +0.5 / -0.0
W2
16.4mm (+2.0 / -2.0mm)
D
20.2mm min
Pb RoHS / RoHS II Compliant
HF


Similar Part No. - ACA-102-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACA-101-T ABRACON-ACA-101-T Datasheet
1Mb / 3P
   WiFi / Bluetooth Chip Antenna 2400 ~ 2485MHz
10.03.13
ACA-103-T ABRACON-ACA-103-T Datasheet
1Mb / 4P
   Bluetooth / WiFi / Dual Band Chip Antenna 2.4 ~ 5.4GHz
10.03.13
ACA-104-T ABRACON-ACA-104-T Datasheet
1Mb / 3P
   GPS Chip Antenna 1575.00MHz
10.03.13
ACA-105-T ABRACON-ACA-105-T Datasheet
1Mb / 5P
   Surface Mount Multiband Chip Antenna 490 / 783 / 868 & 915MHz
10.06.14
ACA-106-T ABRACON-ACA-106-T Datasheet
1Mb / 4P
   BEIDOU / GPS / GNSS Chip Antenna
10.06.14
More results

Similar Description - ACA-102-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACA-101-T ABRACON-ACA-101-T Datasheet
1Mb / 3P
   WiFi / Bluetooth Chip Antenna 2400 ~ 2485MHz
10.03.13
logo
Unictron Technologies C...
H2U34W1H1Z0400 UNICTRON-H2U34W1H1Z0400 Datasheet
1Mb / 19P
   WiFi/Bluetooth Ceramic Chip Antenna
logo
Suzhou Maswell Communic...
AN_W_CA_3216_P01 MASWELL-AN_W_CA_3216_P01 Datasheet
677Kb / 7P
   Maswell WiFi/Bluetooth Chip Antenna
AN_W_CA_5020_M01 MASWELL-AN_W_CA_5020_M01 Datasheet
573Kb / 7P
   Maswell WiFi/Bluetooth Chip Antenna
logo
Maxtena Inc.
MEA-2400-SMA MAXTENA-MEA-2400-SMA Datasheet
737Kb / 3P
   WIFI/BLUETOOTH/ISM ANTENNA
REV A
logo
Unictron Technologies C...
H2U34WGTQW0100 UNICTRON-H2U34WGTQW0100 Datasheet
784Kb / 11P
   3.2x1.6x0.5 WiFi/Bluetooth Ceramic Chip Antenna (AA055)
logo
Abracon Corporation
ACAG0301-24505500-EVB ABRACON-ACAG0301-24505500-EVB Datasheet
1Mb / 4P
   Dualband WiFi/Bluetooth Chip Antenna Evaluation Board
08-20-19
logo
TE Connectivity Ltd
2195765-1 TEC-2195765-1 Datasheet
4Mb / 5P
   1570-1580, 2400-2500 MHz GPS/WiFi BAND ANTENNA
logo
Pulse A Technitrol Comp...
W3300 PULSE-W3300 Datasheet
1Mb / 6P
   Bluetooth / WLAN / WiFi Antenna Ceramic Chip Antenna (ground cleared under antenna)
logo
Abracon Corporation
ACA-103-T ABRACON-ACA-103-T Datasheet
1Mb / 4P
   Bluetooth / WiFi / Dual Band Chip Antenna 2.4 ~ 5.4GHz
10.03.13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com