Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6274-1 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A6274-1
Description  Linear Current Regulator and Controller for Automotive LED Arrays
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6274-1 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A6274-1 Datasheet HTML 1Page - Allegro MicroSystems A6274-1 Datasheet HTML 2Page - Allegro MicroSystems A6274-1 Datasheet HTML 3Page - Allegro MicroSystems A6274-1 Datasheet HTML 4Page - Allegro MicroSystems A6274-1 Datasheet HTML 5Page - Allegro MicroSystems A6274-1 Datasheet HTML 6Page - Allegro MicroSystems A6274-1 Datasheet HTML 7Page - Allegro MicroSystems A6274-1 Datasheet HTML 8Page - Allegro MicroSystems A6274-1 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Linear Current Regulator and Controller
for Automotive LED Arrays
A6274, A6274-1
A6284, A6284-1
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package LP, 20-Pin eTSSOP Pinout Diagram
Terminal List Table
Number
Symbol
Function
1
ISET1
Sets LEDx sink current for LED1-3. Connect
resistor to GND to set current, up to 60 mA
(A6274) or 120 mA (A6284) per channel.
2
ISET2
Sets LEDx sink current for LED4-6. Connect
resistor to GND to set current, up to 60 mA
(A6274) or 120 mA (A6284) per channel.
Connect ISET2 to BIAS if only one resistor
setting is required for LED1-6.
3
VTH
Sets input voltage threshold for current foldback
and VOUT threshold for open-LED fault (D, E, F,
and G) disable threshold.
4
PWMIN
PWM frequency setting. Internal PWM frequency
set when connected to GND through a resistor
and uses external PWM when a logic signal is
applied to this pin.
5
BIAS
Output of internal bias regulator. Connect a
1 µF decoupling capacitor near to IC pin. BIAS
pin can deliver up to 7 mA to an external load.
6
FFn
Active-low fault flag. This pin can be used as
an input pin while using “-1” latching version. If
pulled low, IC will turn all LEDs off for one-out-
all-out functionality across multiple chips in the
system.
7, 8, 9
LED1-3 Three LED current sinks. Connect the cathode of
each LED string to these pins.
10
GND
Ground pin.
11, 12, 13 LED4-6 Three LED current sinks. Connect the cathode of
each LED string to these pins.
14
OUT
Connect to drain of series-pass MOSFET.
15
COMP
Connect a 470 nF capacitor across COMP pin
and drain node of external PMOS. If PMOS is
not used, connect this pin to VIN.
16
GATE
Gate drive for series-pass MOSFET. If PMOS is
not used, connect this pin to VIN.
17
VIN
Input voltage to IC. Connect to source of series-
pass P-channel MOSFET. Connect a decoupling
capacitor close to this pin.
18
EN1
Active-high-enable input for LED1-3.
19
EN2
Active-high-enable input for LED4-6.
20
DR
Voltage on this pin sets dimming duty cycle
when 0 < VDR < 3.6 V. IC operates with 100%
duty cycle in internal and external PWM mode
when VDR > VDRDC(max)
PAD
Thermal pad. Solder to ground plane for better
thermal performance.
ISET1
ISET2
VTH
PWMIN
BIAS
FFn
LED1
LED2
LED3
GND
LED4
LED5
LED6
OUT
COMP
GATE
VIN
EN1
EN2
DR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
PAD
20
PINOUT DIAGRAM AND TERMINAL LIST TABLE


Similar Part No. - A6274-1

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6271 ALLEGRO-A6271 Datasheet
654Kb / 36P
   Automotive, High-Current LED Controller
A6271-1 ALLEGRO-A6271-1 Datasheet
1,023Kb / 40P
   Automotive, High-Current LED Controller
A6271KLPTR-T ALLEGRO-A6271KLPTR-T Datasheet
654Kb / 36P
   Automotive, High-Current LED Controller
A6271KLPTR-T-1 ALLEGRO-A6271KLPTR-T-1 Datasheet
1,023Kb / 40P
   Automotive, High-Current LED Controller
A6272 ALLEGRO-A6272 Datasheet
1,017Kb / 23P
   Automotive Two-Channel Linear LED Controller with Internal PWM Dimming
More results

Similar Description - A6274-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7680 ONSEMI-NCV7680 Datasheet
231Kb / 20P
   Linear Current Regulator and Controller for Automotive LED Rear Combination Lamps
January, 2010 ??Rev. 1
NCV7681 ONSEMI-NCV7681 Datasheet
201Kb / 16P
   100 mA Linear Current Regulator and Controller for Automotive LED Lighting
November, 2016 ??Rev. 1
NCV7683 ONSEMI-NCV7683 Datasheet
270Kb / 23P
   Enhanced 100 mA Linear Current Regulator and Controller for Automotive Sequenced LED Lighting
February, 2018 ??Rev. 3
NCV7692 ONSEMI-NCV7692 Datasheet
235Kb / 18P
   Current Controller for Automotive LED Lamps
April, 2018 ??Rev. 0
NCV7691 ONSEMI-NCV7691 Datasheet
175Kb / 18P
   Current Controller for Automotive LED Lamps
May, 2015 ??Rev. 3
logo
Diodes Incorporated
AL8400 DIODES-AL8400_V01 Datasheet
419Kb / 13P
   LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE
August 2012
BCR420UW6 DIODES-BCR420UW6_17 Datasheet
552Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR
logo
Rohm
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
BD18353EFV-M ROHM-BD18353EFV-M Datasheet
2Mb / 56P
   1ch High Current LED Controller for Automotive
05.Feb.2021 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com