Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1335 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A1335
Description  Precision Hall-Effect Angle Sensor IC with I 2C, SPI, and SENT Interfaces
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1335 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A1335 Datasheet HTML 3Page - Allegro MicroSystems A1335 Datasheet HTML 4Page - Allegro MicroSystems A1335 Datasheet HTML 5Page - Allegro MicroSystems A1335 Datasheet HTML 6Page - Allegro MicroSystems A1335 Datasheet HTML 7Page - Allegro MicroSystems A1335 Datasheet HTML 8Page - Allegro MicroSystems A1335 Datasheet HTML 9Page - Allegro MicroSystems A1335 Datasheet HTML 10Page - Allegro MicroSystems A1335 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Precision Hall-Effect Angle Sensor IC
with I2C, SPI, and SENT Interfaces
A1335
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit2
Angle Characteristics
Output7
RESANGLE
12
bit
Effective resolution8
B = 300 G, TA = 25ºC, ORATE = 0
10.8
bits
B ≥ 700 G, TA = 25ºC, ORATE = 0
12
bits
Angle Refresh Rate9
tANG
ORATE = 0
32
µs
Response Time10
tRESPONSE
All linearization and computations disabled, see
Figure 1
60
µs
Angle Error11
ERRANG
TA = 25°C, ideal magnet alignment, B = 300 G,
target rpm = 0, no linearization
±0.5
degrees
TA = 25°C, ideal magnet alignment, B = 900 G,
target rpm = 0, no linearization
±0.2
degrees
TA = 150°C, ideal magnet alignment, B = 300 G,
target rpm = 0, no linearization
–1.3
+1.3
degrees
TA = 150°C, ideal magnet alignment, B = 900 G,
target rpm = 0, no linearization
±0.3
degrees
Angle Noise11, 12
NANG
TA = 25°C, 50 samples, B = 300 G, no internal
filtering
0.2
degrees
TA = 150°C, 50 samples, B = 300 G, no internal
filtering
0.27
degrees
Temperature Drift
ANGLEDRIFT
TA = 150°C, B = 300 G
–1.4
1.4
degrees
TA = –40°C, B = 300 G
±1.2
degrees
Angle Drift Over Lifetime
ANGLEDRIFT-
LIFE
B = 300 G, typical maximum drift observed after
AEC Q100 qualification testing
±0.5
degrees
1
Typical data is at TA = 25°C and VCC = 5 V and it is for design information only.
2
1 G (gauss) = 0.1 mT (millitesla).
3
Parameters for this characteristic are determined by design. They are not measured at
final test.
4
End user can customize what power-on tests are conducted at each power-on that
causes a range of power-on times. For more information, see the description
of the CFG register.
5
During the power-on phase, the A1335 SPI transactions are not guaranteed.
6
The A1335 operates in Magnetic fields lower than 300 G, but with reduced accuracy
and resolution.
7
RESANGLE represents the number of bits of data available for reading from the die
registers.
8
Effective Resolution is calculated using the formula below:
log2
2
(360) - log
( )
50
l
l =1
where σ is the Standard Deviation based on thirty measurements taken at each of the
32 angular positions, I = 11.25, 22.5, … 360.
9
The rate at which a new angle reading is ready. This value varies with the ORATE
selection.
10
This value assumes no post-processing and is the response time to read the magnetic
position with no further computations. Actual response time is dependent on
EEPROM settings. Settings related to filter design, signal path computations, and
linearization will increase the response time.
11
Error and noise values are with no further signal processing. Angle Error can be cor-
rected with linearization algorithm, and Angle Noise can be reduced with
internal filtering and slower Angle Refresh Rate value.
12
One sigma value at 300 G. Operation with a larger magnetic field results in improved
noise performance. For 600 G operation, noise reduced by 40-50% vs. 300 G.
13
Parameter is tested at wafer probe only.
OPERATING CHARACTERISTICS (continued): Valid throughout full operating voltage and ambient temperature ranges,
unless otherwise specified
Definition of Response Time
Response Time
t
t
Position 1
Position 2
Output 1
Output 2
Magnet
Position
Sensor
Output


Similar Part No. - A1335

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1330 ALLEGRO-A1330 Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-DD-T ALLEGRO-A1330LLETR-DD-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-P-DD-T ALLEGRO-A1330LLETR-P-DD-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-P-T ALLEGRO-A1330LLETR-P-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-T ALLEGRO-A1330LLETR-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
More results

Similar Description - A1335

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1337 ALLEGRO-A1337 Datasheet
1Mb / 37P
   Precision, Hall-Effect Angle Sensor IC with SPI, and SENT or PWM Outputs
A1338 ALLEGRO-A1338 Datasheet
1Mb / 33P
   Precision, Hall-Effect Angle Sensor IC with SPI, and SENT or PWM Outputs
A1334 ALLEGRO-A1334 Datasheet
954Kb / 20P
   Precision Hall-Effect Angle Sensor IC
A1332 ALLEGRO-A1332 Datasheet
979Kb / 20P
   Precision Hall Effect Angle Sensor IC with I2C Interface
logo
Micronas
HAL2830 MICRONAS-HAL2830 Datasheet
254Kb / 2P
   Linear Hall-Effect Sensor with SENT Output
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1341 ALLEGRO-A1341 Datasheet
1Mb / 53P
   High Precision, Programmable Linear Hall Effect Sensor IC with EEPROM, SENT and PWM Output Protocols, and Advanced Output Linearization
logo
Micronas
HAL2830 MICRONAS-HAL2830_16 Datasheet
443Kb / 34P
   Linear Hall-Effect Sensor Family with SENT Interface
logo
Allegro MicroSystems
A1343 ALLEGRO-A1343 Datasheet
2Mb / 53P
   High-Precision, Highly Programmable Linear Hall-Effect Sensor IC with EEPROM, Output Protocols SENT and PWM, and Advanced Output Linearization
logo
Texas Instruments
TMAG5170 TI-TMAG5170 Datasheet
2Mb / 60P
[Old version datasheet]   TMAG5170 High-Precision 3D Linear Hall-Effect Sensor With SPI
SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com