Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL602041 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # PL602041
Description  ClockWorks??PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL602041 Datasheet(HTML) 4 Page - Micrel Semiconductor

  PL602041_14 Datasheet HTML 1Page - Micrel Semiconductor PL602041_14 Datasheet HTML 2Page - Micrel Semiconductor PL602041_14 Datasheet HTML 3Page - Micrel Semiconductor PL602041_14 Datasheet HTML 4Page - Micrel Semiconductor PL602041_14 Datasheet HTML 5Page - Micrel Semiconductor PL602041_14 Datasheet HTML 6Page - Micrel Semiconductor PL602041_14 Datasheet HTML 7Page - Micrel Semiconductor PL602041_14 Datasheet HTML 8Page - Micrel Semiconductor PL602041_14 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Micrel, Inc.
PL602041
January 28, 2014
4
Revision 1.3
tcghelp@micrel.com or (408) 955-1690
Crystal Characteristics
Parameter
Condition
Min.
Typ.
Max.
Units
Mode of Oscillation
10pF load capacitance
Fundamental, Parallel Resonant
Frequency
25
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitor, C0
1
5
pF
Correlation Drive Level
10
100
W
AC Electrical Characteristics
(6, 7)
VDD = VDDO1/2 = 3.3V 5% or 2.5V 5%
VDD = 3.3V 5%, VDDO1/2 = 3.3V 5% or 2.5V 5%
TA = 40C to 85C. RL = 50Ω to VSS
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
FOUT
Output Frequency
25,
100,
125,
200
MHz
FREF
Crystal Input Frequency
25
MHz
TR/TF
HCSL Output Rise/Fall Time
20%
– 80%
150
300
450
ps
ODC
Output Duty Cycle
48
50
52
%
TSKEW
Output-to-Output Skew
Note 7
45
ps
TLOCK
PLL Lock Time
20
ms
TJIT()
RMS Phase Jitter
(8)
100MHz
Integration Range (1.875MHz
–20MHz)
Integration Range (12kHz
–20MHz)
105
250
fs
Notes:
7.
Defined as skew between outputs at the same supply voltage and with equal load conditions; measured at the output differential crossing points.
8.
Measured using 25MHz crystal as the input reference source. If using an external reference input, use a low phase noise source. With an external
reference, the phase noise will follow the input source phase noise up to about 1MHz.
Truth Tables
S1
S0
OUTPUT
0
0
25MHz
0
1
100MHz
1
0
125MHz
1
1
200MHz


Similar Part No. - PL602041_14

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL602041UMG MICREL-PL602041UMG Datasheet
543Kb / 9P
   ClockWorks PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602041UMGTR MICREL-PL602041UMGTR Datasheet
543Kb / 9P
   ClockWorks PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
More results

Similar Description - PL602041_14

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL602041 MICREL-PL602041 Datasheet
543Kb / 9P
   ClockWorks PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
PL607041 MICREL-PL607041 Datasheet
565Kb / 11P
   ClockWorks짰 PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802109 MICREL-SM802109 Datasheet
403Kb / 11P
   ClockWorks??PCI-e Quad 100MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602081UMG MICREL-PL602081UMG Datasheet
646Kb / 15P
   PCIe Octal, Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101 MICREL-SM802101 Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com