Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1240 Datasheet(PDF) 6 Page - Keysight Technologies

Part # U1240
Description  Handheld Digital Multimeters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1240 Datasheet(HTML) 6 Page - Keysight Technologies

  U1240 Datasheet HTML 1Page - Keysight Technologies U1240 Datasheet HTML 2Page - Keysight Technologies U1240 Datasheet HTML 3Page - Keysight Technologies U1240 Datasheet HTML 4Page - Keysight Technologies U1240 Datasheet HTML 5Page - Keysight Technologies U1240 Datasheet HTML 6Page - Keysight Technologies U1240 Datasheet HTML 7Page - Keysight Technologies U1240 Datasheet HTML 8Page - Keysight Technologies U1240 Datasheet HTML 9Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
06 | Keysight | U1240 Series Handheld Digital Multimeters - Data Sheet
Electrical Specifications
Measuring rate
Function
Times/second
ACV
7
DCV (V or mV)
7
14
Diode
14
Capacitance
4 (< 100 µF)
DCA (μA, mA, A)
7
ACA (μA, mA, A)
7
Temperature
7 (single)
Frequency
1 (> 10 Hz)
General Specifications
Display
Dual display (secondary display is intended for temperature function display only) consists of 4-digit liquid
crystal display (LCD) with maximum reading of 11,000 counts. Automatic polarity indication.
Power consumption
0.22 VA maximum
Battery type and life
Four single standard 1.5 V AAA batteries (Alkaline or Zinc Chloride type); 300 hours typical
Operating environment
Full accuracy at –10 to 55 °C; and to 80% RH for temperatures up to 30 °C,
decreasing linearly to 50% RH at 55 °C
0 – 2000 meters per IEC 61010-1 3rd edition CAT III, 1000 V/CAT IV, 600 V IEC 61010-1 3rd edition
Storage compliance
–20 to 70 °C
Safety compliance
IEC 61010-1:2010/EN61010-1:2010
Canada: CSA C22.2 No. 61010-1-12
Measurement category
CAT III 1000 V/CAT IV 600 V Overvoltage Protection, Pollution Degree 2
EMC compliance
Commercial limits compliance with EN61326-1
Influence of radiated immunity: In RF electromagnetic fields of 3 V/M
DC current measurement accuracy:
1000 uA & 10000uA range; ± 2.2% of range
100 mA range; ± 3.2% of range
400 mA range; ± 7.3% of range
10 A range; ± 7.6% of range
Note:
- If used in close proximity to an RF transmitter or when subjected to continuously present electromagnetic
phenomena, some recoverable degradation of performance may occur.
Common Mode Rejection Ratio (CMRR)
> 90 dB at DC, 50/60 Hz ± 0.1% (1 kΩ unbalanced)
Normal Mode Rejection Ration (NMRR)
> 60 dB at 50/60 Hz ± 0.1%
Crest factor
< 3.0
Temperature coefficient
0.1 × (specified accuracy)/°C (from –10 to 18 °C or 28 to 55 °C)
Shock and vibration
Tested to IEC/EN 60068-2
Dimensions (H x W x D)
193.8 x 92.2 x 58.0 mm
Weight
450 g with batteries
400 g without batteries
Warranty
Three years for main unit
Three months for standard shipped accessories


Similar Part No. - U1240

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
More results

Similar Description - U1240

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273A KEYSIGHT-U1273A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1242C KEYSIGHT-U1242C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com