Electronic Components Datasheet Search |
|
DSC400-1313Q0001KI2T Datasheet(PDF) 1 Page - Microchip Technology |
|
DSC400-1313Q0001KI2T Datasheet(HTML) 1 Page - Microchip Technology |
1 / 20 page 2016 Microchip Technology Inc. DS20005612A-page 1 DSC400 Features • Low RMS Phase Jitter: <1 ps (typ.) • High Stability: ±25 ppm, ±50 ppm • Wide Temperature Range: - Industrial –40°C to +85°C - Ext. Commercial –20°C to +70°C • High Supply Noise Rejection: –50 dBc • Four Format-Configurable Outputs: - LVPECL, LVDS, HCSL, LVCMOS • Available Pin-Selectable Frequency Table - 1 Pin per Bank for 2 Frequency Sets • Wide Frequency Range: - 2.3 MHz – 460 MHz • 20-Pin QFN Footprint (5.0 mm x 3.2 mm) • Excellent Shock and Vibration Immunity • High Reliability - 20x better MTF than quartz-based devices • Wide Supply Range of 2.25V to 3.6V • Lead Free and RoHS-Compliant • AEC-Q100 Automotive Qualified Applications • Communications and Networks • Ethernet - 1G, 10GBASE-T/KR/LR/SR, and FCoE • Storage Area Networks - SATA, SAS, Fibre Channel • Passive Optical Networks - EPON, 10G-EPON, GPON, 10G-PON • HD/SD/SDI Video and Surveillance • Automotive • Media and Video • Embedded and Industrial General Description The DSC400 is a four output crystal-less™ clock generator. It utilizes proven PureSilicon™ MEMS technology to provide excellent jitter and stability while incorporating additional device functionality. The nominal frequencies of the outputs can be identical or independently derived from common PLLs. Each output may be configured independently to support a single-ended LVCMOS interface or a differential interface. Differential options include LVPECL, LVDS, or HCSL. The DSC400 provides two independent select lines for choosing between two sets of pre-configured frequencies per bank. It also has two OE pins to allow for enabling and disabling outputs. The DSC400 is packaged in a 20-pin QFN (5 mm x 3.2 mm) and is available in extended commercial and industrial temperature grades. Block Diagram CLK0+ BANK 2 OUTPUT CONTROL AND DIVIDERS CONTROL CIRCUITRY MEMS PLL OE1 OE2 FSB1 FSB2 BANK 1 CLK0- CLK3+ CLK3- CLK1+ CLK1- CLK2+ CLK2- PLL Configurable Four Output, Low Jitter Crystal-less™ Clock Generator |
Similar Part No. - DSC400-1313Q0001KI2T |
|
Similar Description - DSC400-1313Q0001KI2T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |