Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM320C6424GDUQ6EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SM320C6424GDUQ6EP
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6424GDUQ6EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SM320C6424GDUQ6EP Datasheet HTML 2Page - Texas Instruments SM320C6424GDUQ6EP Datasheet HTML 3Page - Texas Instruments SM320C6424GDUQ6EP Datasheet HTML 4Page - Texas Instruments SM320C6424GDUQ6EP Datasheet HTML 5Page - Texas Instruments SM320C6424GDUQ6EP Datasheet HTML 6Page - Texas Instruments SM320C6424GDUQ6EP Datasheet HTML 7Page - Texas Instruments SM320C6424GDUQ6EP Datasheet HTML 8Page - Texas Instruments SM320C6424GDUQ6EP Datasheet HTML 9Page - Texas Instruments SM320C6424GDUQ6EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 237 page
background image
2
Device Overview
2.1 Device Characteristics
SM320C6424-EP
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS580 – JUNE 2009
www.ti.com
Table 2-1, provides an overview of the SM320C6424 DSP. The tables show significant features of the
C6424 device, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the
package type with pin count.
Table 2-1. Characteristics of the C6424 Processor
HARDWARE FEATURES
C6424
DDR2 Memory Controller
(16-/32-bit bus width) [1.8 V I/O]
Asynchronous (8-/16-bit bus width),
Asynchronous EMIF [EMIFA]
RAM, Flash, (NOR or NAND)
EDMA3
1 (64 independent channels, 8 QDMA channels)
2 64-bit General Purpose
Timers
(configurable as 2 64-bit or 4 32-bit)
1 64-bit Watch Dog
Peripherals
UARTs
2 (one with RTS and CTS flow control)
I2C
1 (Master/Slave)
Not all peripherals pins
are available at the same
McBSPs
2
time (for more detail, see
McASP
1 (4 Serializers)
the Device Configuration
section).
10/100 Ethernet MAC (EMAC) with
1
Management Data Input/Output (MDIO)
VLYNQ
1
General-Purpose Input/Output Port (GPIO)
Up to 111 pins
PWM
3 outputs
HPI (16-bit)
1
PCI (32-bit), [33-MHz]
1
Size (Bytes)
240KB RAM, 64KB ROM
32K-Byte (32KB) L1 Program (L1P) RAM/Cache
(Cache up to 32KB)
On-Chip Memory
Organization
80KB L1 Data (L1D) RAM/Cache (Cache up to 32KB)
128KB Unified Mapped RAM/Cache (L2)
64KB Boot ROM
Revision ID Register (MM_REVID.[15:0])
See theTMS320C6424/21 Digital Signal Processor
MegaModule Rev ID
(address location: 0x0181 2000)
(DSP) [Silicon Revisions 1.1 and 1.0] Silicon Errata
(literature number SPRZ252).
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
JTAGID register
See Section 6.22.1, JTAG ID (JTAGID) Register
JTAG BSDL_ID
(address location: 0x01C4 0028)
Description(s)
700 (-7, CVDD = 1.2V)
600 (-6/-Q6, CVDD = 1.2V)
CPU Frequency(1)
MHz
500 (-5/-Q5, CVDD = 1.2V)
400 (-4/-Q4, CVDD = 1.2V)
400 (-L, CVDD = 1.05V)
1.43 (-7, CVDD = 1.2V)
1.67 (-6/-Q6, CVDD = 1.2V)
Cycle Time(1)
ns
2 (-5/-Q5, CVDD = 1.2V)
2.5 (-4/-Q4, CVDD = 1.2V)
2.5 (-L, CVDD = 1.05V)
1.2 V
(-7/ -6/-5/ -4/-Q6/-Q5/-Q4)
Core (V)
Voltage(1)
1.05 V
(-7/-6/-5/-4/-L/-Q5)
I/O (V)
1.8 V, 3.3 V
(1)
Applies to "tape and reel" part number counterparts as well. For more information, see Section 2.7, Device and Development-Support
Tool Nomenclature.
Device Overview
6
Submit Documentation Feedback


Similar Part No. - SM320C6424GDUQ6EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C6424GDUQ6EP TI1-SM320C6424GDUQ6EP Datasheet
2Mb / 236P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SM320C6424GDUQ6EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com