Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP323-A+ Datasheet(PDF) 1 Page - SL Power Electronics

Part # CP323-A+
Description  Commercial/Medical International Linears
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CP323-A+ Datasheet(HTML) 1 Page - SL Power Electronics

  CP323-A+ Datasheet HTML 1Page - SL Power Electronics CP323-A+ Datasheet HTML 2Page - SL Power Electronics CP323-A+ Datasheet HTML 3Page - SL Power Electronics CP323-A+ Datasheet HTML 4Page - SL Power Electronics CP323-A+ Datasheet HTML 5Page - SL Power Electronics CP323-A+ Datasheet HTML 6Page - SL Power Electronics CP323-A+ Datasheet HTML 7Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
116
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
Commercial/Medical International + Linears
SPECIFICATIONS:
Ac Input
100, 120 and 240 Vac: +10%, -13%; 215 Vac: +12%, -11
%; 47 to 63Hz. Tolerance for 230 Vac operation is +15%,
-10%. Derate output current 10% for 50 Hz operation.
Dc Output
See voltage rating chart. Adjustment range ±5% minimum
except HA series.
Line Regulation
±0.05% for a 10% change.
Load Regulation
± 0.05% for a 50% load change.
Output Ripple
3 mV +0.05% of output voltage, peak to peak maximum.
All “3-terminal regulator” outputs: 3 mV +0.2% peak to
peak maximum.
Transient Response
<50 microseconds for 50% load change.
Short Circuit Protection
Automatic current limit/foldback.
Overvoltage Protection
Built-in on all 5 V models, set at 6.2 V ±0.4 V. Other models
use optional overvoltage protection.
Remote Sensing
Provided on all models; open sense lead protection built-in
(except HA series).
Stability
±0.05% for 24 hours after warmup.
Temperature Rating
0 to 50°C full rated, derated linearly to 40% at 70°C.
Temperature Coefficient
±0.01%/°C maximum.
Efficiency
5 V units: 45%; 12 and 15 V units: 55%; 20 and 24 V units: 60%.
Logic Inhibit and Current-Share
F & G models.
Medical Stock and Vibration
Per Mil-Std-810D, Method 514.3, Category 1, Procedure 1.
Per Mil-Std-810D, Method 516.3, Procedure III.
Storage
-40 to +85 °C.
• Medical leakage current does not exceed 10 µA
• MTBF 200,000+ hours per Mil Handbk 217D (most units)
• All electrolytic caps rated at 105ºC
• Transformer insulation meets Class F (155ºC)
• Exceed FCC and CISPR22, Class B conducted emissions
marked to LVD
FEATURES
• World-wide ac input ranges and safety standards
• Industry standard packages
• Commercial UL/CSA TUV/IEC approved—68 models to
UL1950; CSA C22.2 No. 950 L3; TUV certified to EN60950
• Burn-in with cycling; 3-year warranty
• Capacitors have highest CV & ripple current ratings
• Medical Approved to UL2601-1, IEC60601-1 and
CSA601.1
Commercial
Medical


Similar Part No. - CP323-A+

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CP323-A+G SLPOWER-CP323-A+G Datasheet
374Kb / 7P
   DC Power Supplies
More results

Similar Description - CP323-A+

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBB5-3-OV-AG ETC2-HBB5-3-OV-AG Datasheet
374Kb / 7P
   Commercial/Medical International Linears
HC24-24-A ETC2-HC24-24-A Datasheet
374Kb / 7P
   Commercial/Medical International Linears
logo
XP Power Limited
JHM1024D15 XPPOWER-JHM1024D15 Datasheet
120Kb / 2P
   International Medical Approvals
JHM0612S05 XPPOWER-JHM0612S05 Datasheet
337Kb / 2P
   International Medical Approvals
JHM1005S05 XPPOWER-JHM1005S05 Datasheet
120Kb / 2P
   International Medical Approvals
ISM02 XPPOWER-ISM02 Datasheet
379Kb / 3P
   International Medical Safety Approvals
logo
Astec America, Inc
ATV351 ASTEC-ATV351 Datasheet
665Kb / 4P
   15-115 Watts LINEARS
logo
List of Unclassifed Man...
GLC50AG ETC2-GLC50AG Datasheet
267Kb / 2P
   GLC50 Commercial/GLM50 Medical
SLS-24-120T ETC2-SLS-24-120T Datasheet
519Kb / 5P
   Silver Line Series ??Single Multi-Output Linears
logo
Winchester Electronics ...
780390 WINCHESTER-780390 Datasheet
78Kb / 1P
   INTERNATIONAL TRILOC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com