Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP7680JE Datasheet(PDF) 4 Page - Exar Corporation

Part # MP7680JE
Description  5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7680JE Datasheet(HTML) 4 Page - Exar Corporation

  MP7680JE Datasheet HTML 1Page - Exar Corporation MP7680JE Datasheet HTML 2Page - Exar Corporation MP7680JE Datasheet HTML 3Page - Exar Corporation MP7680JE Datasheet HTML 4Page - Exar Corporation MP7680JE Datasheet HTML 5Page - Exar Corporation MP7680JE Datasheet HTML 6Page - Exar Corporation MP7680JE Datasheet HTML 7Page - Exar Corporation MP7680JE Datasheet HTML 8Page - Exar Corporation MP7680JE Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP7680
4
Rev. 3.10
1
NC
No Connection
2
VREFA
Reference Input for DAC A
3
RFBA
Feedback Resistor for DAC A
4
IOUT1A
Current Output A
5
IOUT2A
Complement of Output A
6
NC
No Connection
7
IOUT2B
Complement of Output B
8
IOUT1B
Current Output B
9
RFBB
Feedback Resistor for DAC B
10
VREFB
Reference Input for DAC B
11-
DB11 to Input Data Bits 11 (MSB) to 6
16
DB6
17
NC
No Connection
18-
DB5-
Input Data Bits 5 to 0 (LSB)
23
DB0
24
VREFC
Reference input for DAC C
25
RFBC
Feedback Resistor for DAC C
26
IOUT1C
Current Output C
27
IOUT2C
Complement of Output C
28
NC
No Connection
29
IOUT2D
Complement of Output D
30
IOUT1D
Current Output D
31
RFBD
Feedback Resistor for DAC D
32
VREFD
Reference input for DAC D
33
AGND
Analog Ground
34
DGND
Digital Ground
35
AVDD
Analog Power Supply
36
DVDD
Digital Power Supply
37
B1/B2
Select Input Format (8/4 or 12 bits in)
38
A0
DAC Address Bit 0
39
NC
No Connection
40
A1
DAC Address Bit 1
41
XFER
Transfer: Updates all DAC’s
42
WR2
Write 2: Gates the XFER Function
43
WR1
Write 1: Gates the DAC Selection
44
CS
Chip Select
PIN DESCRIPTION
1
A1
DAC Address Bit 1
2
XFER
Transfer: Updates all DAC’s
3
WR2
Write 2: Gates the XFER Function
4
WR1
Write 1: Gates the DAC Selection
5
CS
Chip Select
6
NC
No Connection
7
VREFA
Reference Input for DAC A
8
RFBA
Feedback Resistor for DAC A
9
IOUT1A
Current Output A
10
IOUT2A
Complement of Output A
11
IOUT2B
Complement of Output B
12
IOUT1B
Current Output B
13
RFBB
Feedback Resistor for DAC B
14
VREFB
Reference Input for DAC B
15 -
DB11 to Input Data Bits 11 (MSB) to 0 (LSB)
26
DB0
27
VREFC
Reference input for DAC C
28
RFBC
Feedback Resistor for DAC C
29
IOUT1C
Current Output C
30
IOUT2C
Complement of Output C
31
IOUT2D
Complement of Output D
32
IOUT1D
Current Output D
33
RFBD
Feedback Resistor for DAC D
34
VREFD
Reference input for DAC D
35
AGND
Analog Ground
36
DGND
Digital Ground
37
AVDD
Analog Power Supply
38
DVDD
Digital Power Supply
39
B1/B2
Select Input Format (8/4 or 12 bits in)
40
A0
DAC Address Bit 0
40 Pin PDIP , CDIP
PIN NO.
NAME
DESCRIPTION
PIN NO.
NAME
DESCRIPTION
44 Pin PQFP


Similar Part No. - MP7680JE

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7682 EXAR-MP7682 Datasheet
478Kb / 7P
   CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7682JN EXAR-MP7682JN Datasheet
478Kb / 7P
   CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7682JS EXAR-MP7682JS Datasheet
478Kb / 7P
   CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7682KN EXAR-MP7682KN Datasheet
478Kb / 7P
   CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7682KS EXAR-MP7682KS Datasheet
478Kb / 7P
   CMOS, 6-Bit High-Speed Analog-to-digital Converter
More results

Similar Description - MP7680JE

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
7545A MAXWELL-7545A Datasheet
96Kb / 9P
   12-Bit Buffered Multiplying Digital to Analog Converter
7545B MAXWELL-7545B Datasheet
92Kb / 9P
   12-Bit Buffered Multiplying Digital to Analog Converter
logo
Exar Corporation
MP7529B EXAR-MP7529B Datasheet
114Kb / 12P
   5 V CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
MP7628 EXAR-MP7628 Datasheet
124Kb / 12P
   5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7636 EXAR-MP7636 Datasheet
84Kb / 8P
   15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
   CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP1230A EXAR-MP1230A Datasheet
114Kb / 12P
   CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter
MP75L24 EXAR-MP75L24 Datasheet
507Kb / 8P
   LOW VOLTAGE CMOS BUFFERED MULTIPLYING 8-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com