Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACAN-29 Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # ACAN-29
Description  AC/DC Front End Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACAN-29 Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  ACAN-29 Datasheet HTML 1Page - Murata Power Solutions Inc. ACAN-29 Datasheet HTML 2Page - Murata Power Solutions Inc. ACAN-29 Datasheet HTML 3Page - Murata Power Solutions Inc. ACAN-29 Datasheet HTML 4Page - Murata Power Solutions Inc. ACAN-29 Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D1U-W-2000-48-Hx Series
AC/DC Front End Power Supply
CPS_D1U-W-2000-48-Hx.D01 Page 2 of 5
www.murata-ps.com/support
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Remote Sense
240
mV
Efficiency
220Vac
90.6
%
Output Rise Monotonicity
Overshoot less than 10% for all outputs, no voltage negative between 10% to 95% during ramp up
Start-up Time
AC ramp up
1.5
s
PS_On activated
150
ms
Transient Response
48V Ramp 1A/μs, 50% load step
±2700
mV
3.3Vsb Ramp 1A/μs, 50% load step
±165
5Vsb Ramp 1A/μs, 50% load step
±250
12Vsb Ramp 1A/μs, 50% load step
±600
Current sharing accuracy (up to 6 in parallel)
At 100% load
±10
%
Hot Swap Transients
All outputs within regulation
Hold-up Time
Max. load, nominal Vin
17
ms
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage Temperature Range
Non-condensing
-40
70
°C
Operating Temperature Range
050
Operating Humidity
Non-condensing
10
90
%
Storage Humidity
590
Shock
30G non operating
Sinusoidal Vibration
0.5G, 5 – 500 Hz operating
MTBF
Calculated per Bellcore at Ta=30°C
200
Khrs
Demonstrated
200
Khrs
Acoustic
ISO 7779-1999
60
dB LpAm
Safety Approvals
c-CSA-us (CSA 60950-1-03/UL 60950-1, Second Edition)
TUV approval (Bauart) EN 60950-1:2001
Input Fuse
Power Supply has internal 20A/250V fast blow fuse on the AC line input
Material Flammability
UL 94V-0
Switching Frequency
90KHz for Boost PFC Converter
165KHz for Main Output Converter
200KHz for Standby Output Converter
Weight
2.1kg
PROTECTION CHARACTERISTICS
Output
Voltage
Parameter
Conditions
Min.
Typ.
Max.
Units
Over-temperature
Auto-restart
55
65
°C
48V
Over Voltage
Latching
54
59
V
Over Current
Latching
44
50
A
12Vsb
Over Voltage
Latching
13
14
V
Over Current
Latching
2.5
3
A
3.3Vsb
Over Voltage
Latching
3.57
4.02
V
Over Current
Latching
6.5
8
A
5Vsb
Over Voltage
Latching
5.6
6
V
Over Current
Latching
5
7
A
1 Ripple and noise are measured with 0.1 uF of ceramic capacitance and 10 uF of tantalum capacitance on each of the power supply outputs. The output noise requirements apply
over a 0 Hz to 20 MHz bandwidth. A short coaxial cable with 50ohm scope termination is used.


Similar Part No. - ACAN-29

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACAN-29 MURATA-PS-ACAN-29 Datasheet
171Kb / 5P
   AC-DC Front End Power Supply
ACAN-29 MURATA-PS-ACAN-29 Datasheet
171Kb / 5P
   AC-DC Front End Power Supply
More results

Similar Description - ACAN-29

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET2000-12-074XA BEL-PET2000-12-074XA Datasheet
2Mb / 33P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
D1U MURATA-PS-D1U Datasheet
174Kb / 5P
   AC/DC Front End Power Supply
D1U4CS MURATA-PS-D1U4CS Datasheet
202Kb / 6P
   AC/DC Front End Power Supply
C1U-W-1200-12-TA1C MURATA-PS-C1U-W-1200-12-TA1C Datasheet
186Kb / 4P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET750-12-050XA BEL-PET750-12-050XA Datasheet
1Mb / 19P
   AC-DC FRONT-END POWER SUPPLY
PET1300-12-054XA BEL-PET1300-12-054XA Datasheet
1Mb / 23P
   AC-DC FRONT-END POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com