Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JBL745 Datasheet(PDF) 1 Page - SL Power Electronics

Part # JBL745
Description  Sealed Lead Acid Fast Chargers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

JBL745 Datasheet(HTML) 1 Page - SL Power Electronics

  JBL745 Datasheet HTML 1Page - SL Power Electronics JBL745 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
______________________________________________________________________________________________________________________________ 1 of 2
SL Power Electronics Corp
6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
Specifications
All Specifications are typical at nominal input, full load at 25
°C unless otherwise stated.
AC Input
100-240VAC, +/-10%, 47-63 Hz, 1
∅.
Topology
Switching – Battery Charger
Input Current
1.0A maximum, at 110Vac
Overload Protection
Hiccup Mode
Inrush Current
Inrush limiting provided.
Short Circuit Protection
Hiccup Mode
Input Fuse
Internal Primary Current Fuse is provided.
Approvals and Safety Standards
EN/IEC/CSA/UL60950-1, EMC: EN55022/55024/61000
Output Voltage
See chart.
Dielectric Withstand
Input-Output: 4242VDC, Input-GND: 1500VAC, Output-GND: 500VDC
Output Power
See chart
Operating Temperature
0
° to 40°C, no derating
Minimum Load
Not required.
Storage Temperature
-30 to +85
°C.
Battery Type:
Lead Acid 6V/12V/24V
Relative Humidity
5% to 95%, non-condensing
Charging Method:
Constant current and constant voltage.
Altitude
0 to 10,000 ft.
Threshold Voltage:
<1.75V
±0.03V / cell
MTBF
>61,000 hours (calculated)
Cycle Charge Voltage:
2.45V +/-0.2V / cell (measured at PCB output)
Case Dimensions:
5.9”(L) x 2.56”(W) x 1.38(H)”,
149mm(L) x 64mm(W) x 45mm(H)
Float Charge Voltage:
2.30V +/-0.2V / cell (measured at PCB output)
Case Material:
Black 94V0 Polycarbonate
Overvoltage Protection:
> 2.5V
± 0.16V / cell
Output Connections:
Cable: 18AWG, 2 conductor. Connector: 2.5mm barrel type (Ault #3)
connector, center contact (+). Other connector options are available.
LED Indicators:
LED Off:
Battery Unloaded, output shorted.
R/G/A 1 second on/off:
Application of Power, or Power reset.
Red LED On:
Fast Charge
Green LED On:
Fully Charged or Trickle Charge
Amber LED On:
Float Charge
Flickering Red LED:
Error (Output overvoltage (>2.5V /cell), or undervoltage (<1.75V /cell)
LED error blink rate is 500 mSec on, 500 mSec off.
JBL745-2 Series
Universal Input, 26–32 Watt Output
Sealed Lead Acid Fast Chargers
2 Year Warranty
100-240VAC Universal Input
Optimizes Battery Life
6V to 24V Output Models, up to 32W
Tri-color LED Indicator
Modified and Custom Designs Available
Impact-Resistant Polycarbonate Enclosure
Meets safety agency requirements


Similar Part No. - JBL745

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
JBL702 SLPOWER-JBL702 Datasheet
242Kb / 2P
   Li-ion/Polymer Chargers
JBL702A082000003FK SLPOWER-JBL702A082000003FK Datasheet
242Kb / 2P
   Li-ion/Polymer Chargers
JBL702A161200203FC SLPOWER-JBL702A161200203FC Datasheet
242Kb / 2P
   Li-ion/Polymer Chargers
More results

Similar Description - JBL745

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
BVL061000003K SLPOWER-BVL061000003K Datasheet
86Kb / 2P
   WIDE RANGE LEAD ACID CHARGERS
logo
Power Sonic Corporation
PG-12V35-FR POWER-SONIC-PG-12V35-FR Datasheet
416Kb / 2P
   Rechargeable Sealed Lead Acid Battery Rechargeable Sealed Lead Acid Battery
logo
Bel Fuse Inc.
LDX-L30 BEL-LDX-L30 Datasheet
483Kb / 3P
   Sealed Lead Acid Battery
logo
Panasonic Semiconductor
LC-R063R4P PANASONIC-LC-R063R4P Datasheet
97Kb / 1P
   SEALED LEAD ACID BATTERIES
logo
Dubilier
SLA6V1.2 DUBILIER-SLA6V1.2 Datasheet
77Kb / 1P
   BATTERIES SEALED LEAD ACID
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
logo
Power Sonic Corporation
PDC-12600 POWER-SONIC-PDC-12600 Datasheet
906Kb / 2P
   Rechargeable Sealed Lead Acid Battery
PG-2V110 POWER-SONIC-PG-2V110 Datasheet
334Kb / 2P
   Rechargeable Sealed Lead Acid Battery
PG-2V480 POWER-SONIC-PG-2V480 Datasheet
302Kb / 2P
   Rechargeable Sealed Lead Acid Battery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com