Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTR060V0160 Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # PTR060V0160
Description  60 Volt DC Radial Leaded, PolyTron??PTC Devices
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PTR060V0160 Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  PTR060V0160 Datasheet HTML 1Page - Cooper Bussmann, Inc. PTR060V0160 Datasheet HTML 2Page - Cooper Bussmann, Inc. PTR060V0160 Datasheet HTML 3Page - Cooper Bussmann, Inc. PTR060V0160 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2011 Cooper Bussmann
www.cooperbussmann.com
0111
BU-SB11020
Page 4 of 4
Data Sheet 4401
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life sup-
port systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result
in significant injury to the user.
Packaging/Taping Specifications
IEC
Dimension
Tolerance
Description
Mark
(mm)
(mm)
Sprocket hole pitch P0 12.7 0.3
Ordinate to adjacent component lead
PTR060V0010~PTR060V0090
P1
3.6
±1.0
Ordinate to adjacent component lead
PTR060V0110~PTR060V0185
P1
3.45
±1.0
Ordinate to adjacent component lead
PTR060V0250~PTR060V0300
P1
7.3
±1.0
Device pitch PTR060V0010~PTR060V0090
P
12.7
±1.0
Device pitch PTR060V0110~PTR060V0300
P
25.4
±1.0
Device pitch PTR060V0375
P
38.1
±1.0
Lead spacing
C
*
--
Carrier tape width
W
18
±1.0
Top distance between tape edges
W0
3.0
Max.
Hold-down tape width
W1
12
±1.0
Sprocket hole position
W2
9.0
+0.75/-0.5
Abscissa to top PTR060V0010~PTR060V0090
H1
32.2
Max.
Abscissa to top PTR060V0110~PTR060V0300
H1
47.5
Max.
Abscissa to plane (straight lead)
H
18.0
+2/-0
Abscissa to plane (kinked lead)
H0
16.0
±0.5
Sprocket hole diameter
D0
4
±0.2
Lead protrusion
L1
1
Max.
Tape thickness
t
0.9
Max.
Body lateral deviation
Δh
0
±1.0
Body tape plane deviation
Δp
0
±1.3
Reel width
W3
56
Max.
Reel diameter
340
±10
Arbor hole diameter
n0
31
±1
Core diameter
n
80
Min.
* See Dimensions table.
Figure 2 - PTR060V0250-PTR060V0375
Figure 1 - PTR060V0010-PTR060V0185
Reel Specifications


Similar Part No. - PTR060V0160

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PTR060V0160 EATON-PTR060V0160 Datasheet
540Kb / 4P
   60 Volt DC radial leaded, PolyTron??PTC devices
More results

Similar Description - PTR060V0160

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PTR060V EATON-PTR060V Datasheet
540Kb / 4P
   60 Volt DC radial leaded, PolyTron??PTC devices
PTR030V EATON-PTR030V Datasheet
458Kb / 4P
   30 Volt DC radial leaded, PolyTron??PTC devices
logo
Cooper Bussmann, Inc.
PTR016V0090 COOPER-PTR016V0090 Datasheet
496Kb / 4P
   16 Volt DC Radial Leaded, PolyTron??PTC Devices
PTR030V0090 COOPER-PTR030V0090 Datasheet
468Kb / 4P
   30 Volt DC Radial Leaded, PolyTron??PTC Devices
logo
Eaton All Rights Reserv...
PTR016V EATON-PTR016V Datasheet
470Kb / 4P
   16 Volt DC radial leaded, PolyTron??PTC devices
logo
Cooper Bussmann, Inc.
PTS181233V110 COOPER-PTS181233V110 Datasheet
401Kb / 4P
   6-60 Volt DC Surface Mount, PolyTron PTC Devices
PTS120660V005 COOPER-PTS120660V005 Datasheet
448Kb / 4P
   6-60 Volt DC Surface Mount, PolyTron??PTC Devices
PTS080524V010 COOPER-PTS080524V010 Datasheet
1Mb / 6P
   6-24 Volt DC surface mount PolyTron??PTC devices
PTS120660V005 COOPER-PTS120660V005_15 Datasheet
657Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
logo
Schurter Inc.
PFRA SCHURTER-PFRA Datasheet
491Kb / 4P
   Radial Leaded Fuse, PTC, 60 VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com